Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9241AMPIZ Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 13Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 14Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 15Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 16Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 15 of 17
August 17, 2015
Thin Shrink Small Outline Package Family (TSSOP)
N
(N/2)+1
(N/2)
TOP VIEW
A
D
0.20 C
2X
B A
N/2 LEAD TIPS
B
E1
E
0.25
CAB
M
1
H
PIN #1 I.D.
0.05
e
C
0.10 C
N LEADS
SIDE VIEW
0.10
CAB
M
b
c
SEE DETAIL “X”
END VIEW
DETAIL X
A2
0° - 8°
GAUGE
PLANE
0.25
L
A1
A
L1
SEATING
PLANE
MDP0044
THIN SHRINK SMALL OUTLINE PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
14 LD 16 LD 20 LD 24 LD 28 LD
A
1.20
1.20
1.20
1.20
1.20
Max
A1
0.10
0.10
0.10
0.10
0.10
±0.05
A2
0.90
0.90
0.90
0.90
0.90
±0.05
b
0.25
0.25
0.25
0.25
0.25
+0.05/-0.06
c
0.15
0.15
0.15
0.15
0.15
+0.05/-0.06
D
5.00
5.00
6.50
7.80
9.70
±0.10
E
6.40
6.40
6.40
6.40
6.40
Basic
E1
4.40
4.40
4.40
4.40
4.40
±0.10
e
0.65
0.65
0.65
0.65
0.65
Basic
L
0.60
0.60
0.60
0.60
0.60
±0.15
L1
1.00
1.00
1.00
1.00
1.00
Reference
Rev. F 2/07
NOTES:
1. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per side.
2. Dimension “E1” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm per
side.
3. Dimensions “D” and “E1” are measured at dAtum Plane H.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com