Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C51RB2HBA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89C51RB2HBA
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2HBA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89C51RB2HBA Datasheet HTML 17Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 18Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 19Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 20Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 21Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 22Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 23Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 24Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Philips Semiconductors
Product data
P89C51RB2/P89C51RC2/
P89C51RD2Hxx
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
2002 May 24
18
Interrupt Priority Structure
The P89C51RB2/RC2/RD2Hxx has a 7 source four-level interrupt
structure (see Table 6).
There are 3 SFRs associated with the four-level interrupt. They are
the IE, IP, and IPH. (See Figures 10, 11, and 12.) The IPH (Interrupt
Priority High) register makes the four-level interrupt structure
possible. The IPH is located at SFR address B7H. The structure of
the IPH register and a description of its bits is shown in Figure 12.
The function of the IPH SFR, when combined with the IP SFR,
determines the priority of each interrupt. The priority of each
interrupt is determined as shown in the following table:
PRIORITY BITS
INTERRUPT PRIORITY LEVEL
IPH.x
IP.x
INTERRUPT PRIORITY LEVEL
0
0
Level 0 (lowest priority)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest priority)
The priority scheme for servicing the interrupts is the same as that
for the 80C51, except there are four interrupt levels rather than two
as on the 80C51. An interrupt will be serviced as long as an interrupt
of equal or higher priority is not already being serviced. If an
interrupt of equal or higher level priority is being serviced, the new
interrupt will wait until it is finished before being serviced. If a lower
priority level interrupt is being serviced, it will be stopped and the
new interrupt serviced. When the new interrupt is finished, the lower
priority level interrupt that was stopped will be completed.
Table 6.
Interrupt Table
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR?
VECTOR ADDRESS
X0
1
IE0
N (L)1
Y (T)2
03H
T0
2
TP0
Y
0BH
X1
3
IE1
N (L)
Y (T)
13H
T1
4
TF1
Y
1BH
PCA
5
CF, CCFn
n = 0–4
N
33H
SP
6
RI, TI
N
23H
T2
7
TF2, EXF2
N
2BH
NOTES:
1. L = Level activated
2. T = Transition activated
EX0
IE (0A8H)
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables it.
BIT
SYMBOL
FUNCTION
IE.7
EA
Global disable bit. If EA = 0, all interrupts are disabled. If EA = 1, each interrupt can be individually
enabled or disabled by setting or clearing its enable bit.
IE.6
EC
PCA interrupt enable bit
IE.5
ET2
Timer 2 interrupt enable bit.
IE.4
ES
Serial Port interrupt enable bit.
IE.3
ET1
Timer 1 interrupt enable bit.
IE.2
EX1
External interrupt 1 enable bit.
IE.1
ET0
Timer 0 interrupt enable bit.
IE.0
EX0
External interrupt 0 enable bit.
SU01290
ET0
EX1
ET1
ES
ET2
EC
EA
0
1
2
3
4
5
6
7
Figure 10. IE Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com