Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC912FDH Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC912FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912FDH Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC912FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
41 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
is output in the master mode and is input in the slave mode. If the SPI system is
disabled, i.e. SPEN (SPCTL.6) = 0 (reset value), these pins are configured for port
functions.
• SS is the optional slave select pin. In a typical configuration, an SPI master asserts
one of its port pins to select one SPI device as the current slave. An SPI slave
device uses its SS pin to determine whether it is selected.
Typical connections are shown in Figure 18, 19, and 20.
• The 89LPC913 does not have the slave select pin, SS. The SPI interface is set to
Master mode and an I/O pin may be used to implement the SS function. Typical
connections are shown in Figure 18 and 19.
9.18.1
Typical SPI configurations
Fig 18. SPI single master single slave configuration.
002aaa435
Master
Slave
8-BIT SHIFT
REGISTER
SPI CLOCK
GENERATOR
8-BIT SHIFT
REGISTER
MISO
MOSI
SPICLK
PORT
MISO
MOSI
SPICLK
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com