Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC1018SCL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PIC1018SCL
Description  INFRARED RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PIC1018SCL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PIC1018SCL Datasheet HTML 1Page - List of Unclassifed Manufacturers PIC1018SCL Datasheet HTML 2Page - List of Unclassifed Manufacturers PIC1018SCL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 



!
  
!
 
!
      

!
 
!
 
 
!
 !
!
 "#
 
"
 $% &$'(%'%)'
*+
"
    &$'
,'-.+
"
 ) #
!"#$%

&(/01°+
2 
" 
)
3
"%
%
4.5
%
6( 
(
758945
°
"( 
(
0589:1
°
"( ;7
(
0<5
°
     
&'  (  
&(/01°+
2 
" 

.
(.
.
3
"
%
0.1
=.5
1.1
%
 

"/5
5.>
7.1
$
%/=%
71
)*

055±1- %/0.1% :
$
∆θ
±<1

.2.,.,?
,
=:.@
A
2A
λ
@<5

"6
"
$-#
-6%
%
%5.1
%
-#-6%
%
5.0
5.<
%
-2
(#
155
455
:55
µ
-#-2
(#
/455µ
155
455
:55
µ
)$"*+ 
&(/01°+
(
(
)
( "
(/45°'%/=.5%
/0<5.
-#( "
(/75°'%/=.5%
/0<5.
(  " (/<5°'@5B)'%/=.5%
/0<5.
( 
05°&=5 +89:5°&=5 + 05
"
0<5±1°
1.


Similar Part No. - PIC1018SCL

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
PIC101A SELEC-PIC101A Datasheet
520Kb / 2P
Process Indicator
PIC101A-T-230 SELEC-PIC101A-T-230 Datasheet
520Kb / 2P
Process Indicator
PIC101A-VI-230 SELEC-PIC101A-VI-230 Datasheet
520Kb / 2P
Process Indicator
PIC101N SELEC-PIC101N Datasheet
646Kb / 2P
Basic Process Indicator
PIC101N-24V-CU SELEC-PIC101N-24V-CU Datasheet
646Kb / 2P
Basic Process Indicator
More results

Similar Description - PIC1018SCL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
INFRARED RECEIVER MODULE
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
Infrared Receiver Module
2010-10-28
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
Infrared Receiver Module
EAIRMBA0 EVERLIGHT-EAIRMBA0 Datasheet
448Kb / 8P
Infrared Receiver Module
EAIRMBA8 EVERLIGHT-EAIRMBA8 Datasheet
350Kb / 8P
Infrared Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com