| Electronic Components Datasheet Search |
|
PIC18F8720 Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F8720 Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 366 page ![]() 2003 Microchip Technology Inc. Advance Information DS39609A-page 19 PIC18FXX20 PORTH is a bi-directional I/O port(5). RH0/A16 RH0 A16 —79 I/O O ST TTL Digital I/O. External memory address 16. RH1/A17 RH1 A17 —80 I/O O ST TTL Digital I/O. External memory address 17. RH2/A18 RH2 A18 —1 I/O O ST TTL Digital I/O. External memory address 18. RH3/A19 RH3 A19 —2 I/O O ST TTL Digital I/O. External memory address 19. RH4/AN12 RH4 AN12 —22 I/O I ST Analog Digital I/O. Analog input 12. RH5/AN13 RH5 AN13 —21 I/O I ST Analog Digital I/O. Analog input 13. RH6/AN14 RH6 AN14 —20 I/O I ST Analog Digital I/O. Analog input 14. RH7/AN15 RH7 AN15 —19 I/O I ST Analog Digital I/O. Analog input 15. TABLE 1-2: PIC18FXX20 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PIC18F6X20 PIC18F8X20 Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) Note 1: Alternate assignment for CCP2 when CCP2MX is not selected (all Operating modes except Microcontroller). 2: Default assignment when CCP2MX is set. 3: External memory interface functions are only available on PIC18F8X20 devices. 4: CCP2 is multiplexed with this pin by default when configured in Microcontroller mode. Otherwise, it is multiplexed with either RB3 or RC1. 5: PORTH and PORTJ are only available on PIC18F8X20 (80-pin) devices. 6: AVDD must be connected to a positive supply and AVSS must be connected to a ground reference for proper operation of the part in User or ICSP modes. See parameter D001A for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |