Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9520 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X9520
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9520 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X9520 Datasheet HTML 17Page - Renesas Technology Corp X9520 Datasheet HTML 18Page - Renesas Technology Corp X9520 Datasheet HTML 19Page - Renesas Technology Corp X9520 Datasheet HTML 20Page - Renesas Technology Corp X9520 Datasheet HTML 21Page - Renesas Technology Corp X9520 Datasheet HTML 22Page - Renesas Technology Corp X9520 Datasheet HTML 23Page - Renesas Technology Corp X9520 Datasheet HTML 24Page - Renesas Technology Corp X9520 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
X9520
FN8206 Rev 2.00
Page 21 of 29
August 20, 2007
Potentiometer Characteristics
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
MIN
TYP
MAX
UNITS
RTOL
End to End Resistance Tolerance
-20
+20
%
VRHx
RH Terminal Voltage (x = 0,1,2)
Vss
VCC
V
VRLx
RL Terminal Voltage (x = 0,1,2)
Vss
VCC
V
PR
Power Rating (1) (6)
RTOTAL = 10kDCP0, DCP1)
10
mW
RTOTAL = 100kDCP2)
5
mW
RW
DCP Wiper Resistance
IW = 1mA, VCC = 5 V, VRHx =VCC,
VRLx = Vss (x = 0,1,2).
200
400
IW = 1mA, VCC = 2.7 V, VRHx = VCC,
VRLx = Vss (x = 0,1,2)
400
1200
IW
Wiper Current (6)
4.4
mA
Noise
RTOTAL = 10kDCP0, DCP1)
mV/
(Hz)
RTOTAL = 100kDCP2)
mV/
(Hz)
Absolute Linearity (2)
Rw(n)(actual) - Rw(n)(expected)
-1
+1
MI(4)
Relative Linearity (3)
Rw(n+1) - [Rw(n)+MI]-1
+1
MI(4)
RTOTAL Temperature Coefficient
RTOTAL = 10kDCP0, DCP1)
±300
ppm/°C
RTOTAL = 100kDCP2)
±300
ppm/°C
CH/CL/CW
Potentiometer Capacitances (6)
See Figure 26.
10/10/25
pF
twr
Wiper Response time (6)
See Figure 34.
200
s
NOTES:
1. Power Rating between the wiper terminal RWX(n) and the end terminals RHX or RLX - for ANY tap position n, (x = 0,1,2).
2. Absolute Linearity is utilized to determine actual wiper resistance versus, expected resistance = (Rwx(n)(actual) - Rwx(n)(expected)) = ±1 Ml
Maximum (x = 0,1,2).
3. Relative Linearity is a measure of the error in step size between taps = RWx(n+1) - [Rwx(n) + Ml] = ±1 Ml (x = 0,1,2)
4. 1 Ml = Minimum Increment = RTOT/(Number of taps in DCP - 1).
5. Typical values are for TA = 25°C and nominal supply voltage.
6. This parameter is periodically sampled and not 100% tested.
VTRIPX (x = 1,2,3) Programming Parameters (See Figure 33)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
tVPS
VTRIPx Program Enable Voltage Setup time
10
s
tVPH
VTRIPx Program Enable Voltage Hold time
10
s
tTSU
VTRIPx Setup time
10
s
tTHD
VTRIPx Hold (stable) time
10
s
tVPO
VTRIPx Program Enable Voltage Off time (Between successive adjustments)
1
ms
twc
VTRIPx Write Cycle time
510
ms
VP
Programming Voltage
10
15
V
Vta
VTRIPx Program Voltage accuracy (Programmed at 25°C.)
-100
+100
mV
Vtv
VTRIP Program variation after programming (-40 - 85°C). (Programmed at 25°C.)
-25
+10
+25
mV
NOTE: The above parameters are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com