Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9521 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X9521 Datasheet HTML 1Page - Renesas Technology Corp X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 3 of 24
September 21, 2010
PRINCIPLES OF OPERATION
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the slave.
The master always initiates data transfers, and provides
the clock for both transmit and receive operations. There-
fore, the X9521 operates as a slave in all applications.
Serial Clock and Data
Data states on the SDA line can change only while SCL is
LOW. SDA state changes while SCL is HIGH are reserved
for indicating START and STOP conditions. See Figure 1.
On power-up of the X9521, the SDA pin is in the input
mode.
Serial Start Condition
All commands are preceded by the START condition,
which is a HIGH to LOW transition of SDA while SCL is
HIGH. The device continuously monitors the SDA and SCL
lines for the START condition and does not respond to any
command until this condition has been met. See Figure 2.
Serial Stop Condition
All communications must be terminated by a STOP condi-
tion, which is a LOW to HIGH transition of SDA while SCL
is HIGH. The STOP condition is also used to place the
device into the Standby power mode after a read
sequence. A STOP condition can only be issued after the
transmitting device has released the bus. See Figure 2.
Serial Acknowledge
An ACKNOWLEDGE (ACK) is a software convention used
to indicate a successful data transfer. The transmitting
device, either master or slave, will release the bus after
transmitting eight bits. During the ninth clock cycle, the
receiver will pull the SDA line LOW to ACKNOWLEDGE
that it received the eight bits of data. Refer to Figure 3.
The device will respond with an ACKNOWLEDGE after
recognition of a START condition if the correct Device Iden-
tifier bits are contained in the Slave Address Byte. If a write
operation is selected, the device will respond with an
ACKNOWLEDGE after the receipt of each subsequent
eight bit word.
In the read mode, the device will transmit eight bits of data,
release the SDA line, then monitor the line for an
ACKNOWLEDGE. If an ACKNOWLEDGE is detected and
no STOP condition is generated by the master, the device
will continue to transmit data. The device will terminate fur-
ther data transmissions if an ACKNOWLEDGE is not
detected. The master must then issue a STOP condition to
place the device into a known state.
SCL
SDA
Data Stable
Data Change
Data Stable
Figure 1.
Valid Data Changes on the SDA Bus
SCL
SDA
Start
Stop
Figure 2.
Valid Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com