Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA25C020LEMLFF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SA25C020LEMLFF
Description  2Mb EEPROM with 25MHz SPI Bus Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMLFF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SA25C020LEMLFF Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
7
Ordering Information
F
PP
E
L
XX
C
25
SA
Letter
Blank
X
Blank
E
L
020
C
25
SA
Interface
Density
Voltage Operating
Range
Temp. Range
Package
Description
Tube
Tape and Reel
0 to 70 C
-40 to +85 C
o
2.7 V to 3.6 V
2 Mb with Write Protect
CMOS
SPI-2 Wires
Saifun Non-Volatile
Memory
o
N
MN
MLF
8-pin DIP
8-pin SOIC (150 mil)
8-lead MLF
X
Blank
F
Non Lead Free
Lead Free
Figure 3. SA25C020 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com