Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8101ALAF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL8101ALAF
Description  Adaptive Digital DC/DC PWM Controller with Auto Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8101ALAF Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL8101ALAF Datasheet HTML 1Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 2Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 3Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 4Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 5Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ZL8101
FN7832 Rev 1.00
Page 3 of 36
July 13, 2012
Pin Configuration
ZL8101
(32 LD QFN)
TOP VIEW
DGND
SYNC
SA0
SA1
NC
SCL
SDA
SALRT
VDD
VR
PWMH
SGND
PWML
ISENA
ISENB
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
1011
12
13
1415
16
EXPOSED PADDLE*
*CONNECT TO SGND
Pin Descriptions
PIN
LABEL
TYPE
(Note 3)
DESCRIPTION
1
DGND
PWR
Digital ground. Connect to low impedance contiguous ground plane.
2SYNC
I/O, M
(Note 4)
Clock synchronization input. Used to set the frequency of the internal switch clock, to sync to an external
clock or to output internal clock.
3SA0
I, M
Serial address select pins. Used to assign a unique address for each individual device or to enable certain
management features.
4SA1
5
NC
No Connect. Leave pin open.
6
SCL
I/O
Serial clock. Connect to external host and/or to other ZL devices.
7
SDA
I/O
Serial data. Connect to external host and/or to other ZL devices.
8
SALRT
O
Serial alert. Connect to external host if desired.
9
FC
I
Auto compensation configuration pin. Used to set up auto compensation.
10
V0
I, M
Output voltage selection pins. Used to set VOUT set-point and VOUT max.
11
V1
12
VMON
I, M
External voltage monitoring (can be used for external driver bias monitoring for Power-Good).
13
DRVCTL
O
External driver enable control output.
14
VTRK
I
Tracking sense input. Used to track an external voltage source.
15
VSEN+
I
Differential Output voltage sense feedback. Connect to positive output regulation point.
16
VSEN-
I
Differential Output voltage sense feedback. Connect to negative output regulation point.
17
NC
No Connect. Leave pin open.
18
ISENB
I
Differential voltage input for current sensing.
19
ISENA
I
Differential voltage input for current sensing. High voltage (DCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com