Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8801 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # ZL8801
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8801 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button ZL8801 Datasheet HTML 82Page - Renesas Technology Corp ZL8801 Datasheet HTML 83Page - Renesas Technology Corp ZL8801 Datasheet HTML 84Page - Renesas Technology Corp ZL8801 Datasheet HTML 85Page - Renesas Technology Corp ZL8801 Datasheet HTML 86Page - Renesas Technology Corp ZL8801 Datasheet HTML 87Page - Renesas Technology Corp ZL8801 Datasheet HTML 88Page - Renesas Technology Corp ZL8801 Datasheet HTML 89Page - Renesas Technology Corp ZL8801 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 86 of 91
Nov 8, 2017
MFR_READ_VMON (F7h)
Definition: Reads the voltage on the VMON pin.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Linear-11
Type: R/W
Protectable: No
Default Value: N/A
Units: °C
Equation: MFR_READ_VMON = Y x 2N
Range: -200°C to +200°C
VMON_OV_FAULT_RESPONSE (F8h)
Definition: Configures the VMON overvoltage fault response as defined by the table below. Note: The retry time is the time between
restart attempts. If VMON is not used, set this response to 00h, which will disable VMON OV faults entirely.
Paged or Global: Global
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Protectable: Yes
Default Value: BFh (continuous retries)
Units: N/A
COMMAND
MFR_READ_VMON (F7h)
Format
Linear-11
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
COMMAND
VMON_OV_FAULT_RESPONSE (F8h)
Format
Bit Field
Bit Position
76
5
4321
0
Access
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Function
See Following Table
Default Value
1
0
1
1111
1
BIT
FIELD NAME
VALUE
DESCRIPTION
7:6
Response behavior, the device:
• Pulls SALRT low
• Sets the related fault bit in the status
registers. Fault bits are only cleared by the
CLEAR_FAULTS command.
00
Ignore faults
01
Not used
10
Disable without delay and retry according to the setting in bits 5:3.
11
Output is disabled while the fault is present. Operation resumes and the output is enabled
when VMON falls below 95% of the VMON_OV_FAULT_LIMIT setting.
5:3
Retry Setting
000
No retry. The output remains disabled until the fault is cleared.
001-110 Not used
111
Attempts to restart continuously, without checking if the fault is still present, until it is
commanded OFF (by the CONTROL pin or OPERATION command or both), bias power is
removed, or another fault condition causes the unit to shut down. A retry is attempted after
VMON falls below 95% of the VMON_OV_FAULT_LIMIT. The time between the start of each
attempt to restart is set by the value in bits [2:0] multiplied by 35ms.
2:0
Retry Delay
000-111
Retry delay time = (Value +1)*35ms. Sets the time between retries in 35ms increments.
Range is 35ms to 280ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com