Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL9101M Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL9101M
Description  Digital DC/DC PMBus 12A Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL9101M Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL9101M Datasheet HTML 9Page - Renesas Technology Corp ZL9101M Datasheet HTML 10Page - Renesas Technology Corp ZL9101M Datasheet HTML 11Page - Renesas Technology Corp ZL9101M Datasheet HTML 12Page - Renesas Technology Corp ZL9101M Datasheet HTML 13Page - Renesas Technology Corp ZL9101M Datasheet HTML 14Page - Renesas Technology Corp ZL9101M Datasheet HTML 15Page - Renesas Technology Corp ZL9101M Datasheet HTML 16Page - Renesas Technology Corp ZL9101M Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
ZL9101M
FN7669 Rev.8.00
Page 13 of 63
Jun 20, 2017
2. Turn off the high-side MOSFET and turn on the low-side
MOSFET. The low-side MOSFET remains ON until the device
attempts a restart.
The default response from an overvoltage fault is to immediately
shut down. The controller continuously checks for the presence
of the fault condition and when the fault condition no longer
exists, the device is re-enabled.
For continuous overvoltage protection when operating from an
external clock, the only allowed response is an immediate
shutdown.
Output Prebias Protection
An output prebias condition exists when an externally applied
voltage is present on a power supply’s output before the power
supply’s control IC is enabled. Certain applications require that
the converter not be allowed to sink current during start-up if a
prebias condition exists at the output. The ZL9101M provides
prebias protection by sampling the output voltage prior to
initiating an output ramp.
If a prebias voltage lower than the target voltage exists after the
preconfigured delay period has expired, the target voltage is set
to match the existing prebias voltage and both drivers are
enabled. The output voltage is then ramped to the final
regulation value at the preconfigured ramp rate.
The actual time the output takes to ramp from the prebias
voltage to the target voltage varies, depending on the prebias
voltage, however, the total time elapsed from when the delay
period expires and when the output reaches its target value will
match the preconfigured ramp time (see Figure 15).
If a prebias voltage higher than the target voltage exists after the
preconfigured delay period has expired, the target voltage is set
to match the existing prebias voltage, and both drivers are
enabled with a PWM duty cycle that would ideally create the
prebias voltage.
After the preconfigured soft-start ramp period has expired, the
PG pin is asserted (assuming the prebias voltage is not higher
than the overvoltage limit). The PWM then adjusts its duty cycle
to match the original target voltage and the output ramps down
to the preconfigured output voltage.
If a prebias voltage higher than the overvoltage limit exists, the
device does not initiate a turn-on sequence and declares an
overvoltage fault condition to exist. In this case, the device
responds based on the output overvoltage fault response method
that has been selected. See “Output Overvoltage Protection” on
page 12 for response options due to an overvoltage condition.
Note that prebias protection is not offered for current sharing
groups, which also have tracking enabled. VDD must be tied to
VIN for proper prebias start-up in single module operation.
Output Overcurrent Protection
The ZL9101M can protect the power supply from damage if the
output is shorted to ground or if an overload condition is imposed
on the output. The following overcurrent protection response
options are available:
1. Initiate a shutdown and attempt to restart an infinite number
of times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
The default response from an overcurrent fault is an immediate
shutdown of the controller. The controller continuously checks for
the presence of the fault condition, and if the fault condition no
longer exists, the device is re-enabled.
Thermal Overload Protection
The ZL9101M includes a thermal sensor that continuously
measures the internal temperature of the module and shuts down
the controller when the temperature exceeds the preset limit. The
default temperature limit is set to +125°C in the factory, but the
user can set the limit to a different value if desired. Note that setting
a higher thermal limit through the I2C/SMBus interface may result
in permanent damage to the controller. Once the module has been
disabled due to an internal temperature fault, the user can select
one of several fault response options as follows:
1. Initiate a shutdown and attempt to restart an infinite number of
times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
If the user has configured the module to restart, the controller waits
the preset delay period (if configured to do so) and then checks the
FIGURE 15. OUTPUT RESPONSES TO PREBIAS VOLTAGES
DESIRED OUTPUT
VOLTAGE
PREBIAS
VOLTAGE
VOUT
TIME
TON-
DELAY
TON-
RISE
DESIRED OUTPUT
VOLTAGE
PREBIAS
VOLTAGE
VOUT
TIME
VPREBIAS < VTARGET
VPREBIAS > VTARGET
TON-
RISE
TON-
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com