| Electronic Components Datasheet Search |
|
SCM5B33-01D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SCM5B33-01D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() DATAFORTH A Burr-Brown Company ® 49 Call 800-444-7644 For Information and Assistance Input Signal Range 100mV to 300V rms, 0 to 5A rms Standard Frequency Range 45Hz to 1000Hz Extended Frequency Range 1kHz to 20kHz Impedance 1 M Ω ±1% shunted by 100pF (-01 thru -05), 0.10 Ω (-06), 0.025Ω (-07) Coupling AC Protection(1) Continuous (-01 thru -05) 300V rms Continuous (-06 thru -07) 10A rms Transient (-01 thru -05) ANSI/IEEE C37.90.1-1989 Transient (-06 thru -07) See note 2 Output Signal Range 0-5V or 0-10V or 0-1mA or 0-20mA or 4-20mA Current Limit 1.4mA (0-1mA models), 30mA (0/4-20mA models), 8mA (0-5, 0-10V models) Voltage Limit ±18V (0-5, 0-10V models) Resistance 50 Ω (0-5, 0-10V models) Protection Continuous Short to Ground Ripple and Noise (100Khz) 0.025% Span rms Accuracy(3)(4) Sinusoid 50/60 Hz ±0.25% Span 45Hz to 1kHz ±0.25% Reading Additional Factor 1kHz to 20kHz ±0.75% Reading Additional Factor Non-Sinusoid Crest Factor = 1 to 2 ±0.05% Reading Additional Error Crest Factor = 2 to 3 ±0.15% Reading Additional Error Crest Factor = 3 to 4 ±0.30% Reading Additional Error Crest Factor = 4 to 5 ±0.40% Reading Additional Error Vs. Temperature ±100ppm/°C Isolation (Common Mode) Input to Output, Input to Power Continuous 1500Vrms max Transient ANSI/IEEE C37.90.1-1989 Output to Power Continuous 50Vdc max Rejection (50-60Hz Common Mode) 100dB Response Time (0 to 99%) <400ms Output Enable Control Selection Time 6.0 µS @ C LOAD = 0 to 2000pF Voltage Max Logic “0” +0.8V Min / Max Logic “1” +2.4V / +36V Current, “0,1” 0.5 µA Loop Voltage +7.5Vdc min, +26Vdc max, -40˚C to +85˚C Load Resistance (maximum) (Loop Voltage - 14) / (Loop Current) Supply Voltage +5VDC ±5% Current 120mA Sensitivity ±200ppm/% Environmental Operating Temp. Range -40˚C to +85˚C Storage Temp. Range -40˚C to +85˚C Relative Humidity 0 to 90% noncondensing Emissions EN50081-1, ISM Group 1, Class A (Radiated, Conducted) Immunity EN50082-1, ISM Group 1, Class A (ESD, RF, EFT) Dimensions 2.28" x 2.26" x 0.60" (58mm x 57mm x 15mm) NOTE: (1) SCM5B33 and SCMPB01, 02, 03, 04, 05, 06, 07, XEV rating only. Backpanels obtained from other sources may have lower ratings. (2) For 1 to 25 seconds the max allowable transient current rating is √2500 / (event time). For less than 1 second, ANSI/IEEE C-37.90.1-1989 applies with a 0.05 Ω load. For greater than 25 seconds, the 10A rms continuous rating applies. (3) At standard 60Hz factory calibration. Consult factory for calibration at other frequencies. (4) For 10-100% rated span. Add an additional 0.25% error for 0-10% Span measurements. Accuracy includes nonlinearity, hysteresis and repeatability but not source or external shunt inaccuracy (if used). MODEL INPUT* (rms) OUTPUT* (dc) SCM5B33-01 0-100mV 0-5V SCM5B33-02 0-1V 0-5V SCM5B33-03 0-10V 0-5V SCM5B33-04 0-150V 0-5V SCM5B33-05 0-300V 0-5V SCM5B33-06 0-1A 0-5V SCM5B33-07 0-5A 0-5V SCM5B33-01B 0-100mV 0-1mA SCM5B33-02B 0-1V 0-1mA SCM5B33-03B 0-10V 0-1mA SCM5B33-04B 0-150V 0-1mA SCM5B33-05B 0-300V 0-1mA SCM5B33-06B 0-1A 0-1mA SCM5B33-07B 0-5A 0-1mA SCM5B33-01C 0-100mV 4-20mA SCM5B33-02C 0-1V 4-20mA SCM5B33-03C 0-10V 4-20mA SCM5B33-04C 0-150V 4-20mA SCM5B33-05C 0-300V 4-20mA SCM5B33-06C 0-1A 4-20mA SCM5B33-07C 0-5A 4-20mA SCM5B33-01D 0-100mV 0-10V SCM5B33-02D 0-1V 0-10V SCM5B33-03D 0-10V 0-10V SCM5B33-04D 0-150V 0-10V SCM5B33-05D 0-300V 0-10V SCM5B33-06D 0-1A 0-10V SCM5B33-07D 0-5A 0-10V SCM5B33-01E 0-100mV 0-20mA SCM5B33-02E 0-1V 0-20mA SCM5B33-03E 0-10V 0-20mA SCM5B33-04E 0-150V 0-20mA SCM5B33-05E 0-300V 0-20mA SCM5B33-06E 0-1A 0-20mA SCM5B33-07E 0-5A 0-20mA * Modules can be ordered with other input/output ranges. Consult factory for ordering details and specifications. SPECIFICATIONS Typical at T A = +25°C and +5V power. Module ORDERING INFORMATION SCM5B33 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |