Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7145F-ZTAT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7145F-ZTAT
Description  Hitachi SuperH RISC engine
PDF  773 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145F-ZTAT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7145F-ZTAT Datasheet HTML 3Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 4Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 5Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 6Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 7Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 8Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 9Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 10Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 773 page
background image
Rev. 2.0, 09/02, page v of xxxviii
Preface
The SH7144 Series single-chip RISC (Reduced Instruction Set Computer) microprocessor
includes a Hitachi-original RISC CPU as its core, and the peripheral functions required to
configure a system.
Target users: This manual was written for users who will be using this LSI in the design of
application systems. Users of this manual are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of this LSI to the above users.
Refer to the SH-1, SH-2, SH-DSP Programming Manual for a detailed description
of the instruction set.
Notes on reading this manual:
• Product names
The following products are covered in this manual.
Product Classifications and Abbreviations
Basic Classification
On-Chip ROM Classification
Product Code
SH7144F
Flash memory version
(ROM: 256 kbytes)
HD64F7144
SH7144 (112-pin version)
SH7144M
Mask ROM version
(ROM: 256 kbytes)
HD6437144*
SH7145F
Flash memory version
(ROM: 256 kbytes)
HD64F7145
SH7145 (144-pin version)
SH7145M
Mask ROM version
(ROM: 256 kbytes)
HD6437145*
Note: * Under development
In this manual, the product abbreviations are used to distinguish products. For example, 112-
pin products are collectively referred to as the SH7144, an abbreviation of the basic type's
classification code, while 144-pin products are collectively referred to as the SH7145. There
are two versions of each: a flash memory version and a mask ROM version. When a
description is limited to the flash memory version alone, the character F is added at the end of
the abbreviation, such as SH7144F. When a description is limited to the mask ROM version
alone, an abbreviation that is determined by adding M at the end of the abbreviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com