Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLGSSTU32864EX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SLGSSTU32864EX
Description  DDR2 Configurable Registered Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLGSSTU32864EX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SLGSSTU32864EX Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 9Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTU32864E
6
PRELIMINARY
Data is subject to change.
Mar 5, 2004
Absolute Maximum Ratings
Storage Temperature. . . . . . . . . . . . . . -65oC to +150oC
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V
Input Voltage1,2. . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V
Output Voltage1,2 . . . . . . . . . . . . . . . . -0.5 to VDD +0.5
Input Clamp Current. . . . . . . . . . . . . . . . . . . . . . -50 mA
Output Clamp Current . . . . . . . . . . . . . . . . . . . +50 mA
Continuous VDD or GND Current/Pin. . . . . . . +100 mA
BGA Package Thermal Impedance3 . . . . . . . . 37oC/W
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to this
device. These
ratings are stress specifications only and functional operation of the device at these or other conditions
above
those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect product reliability.
Recommended Operating Conditions:
PARAMETER
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
1.7
1.9
V
VREF
Reference Voltage
0.49 X VDD
.5 X VDD 0.51 X VDD
VTT
Termination Voltage
VREF - 0.04
VREF
VREF + 0.04
VI
Input Voltage
0
VDD
VIH (DC) DC Input High Voltage
Data
Inputs
VREF +0.125
VIH (AC)
AC Input High Voltage
VREF + 0.25
VIL (DC)
DC Input Low Voltage
VREF -0.125
VIL (AC)
AC Input Low Voltage
VREF - 0.25
VIH
Input High Voltage Level
RESET,
Cn
0.65 X VDD
VIL
Input Low Voltage Level
0.35 X VDD
VICR
Common mode Input
Range
CLK,
CLK
0.675
1.125
VID
Differential Input Voltage
0.6
IOH
High-Level Output Current
-8
mA
IOL
Low-Level Output Current
8
TA
Operating Free-Air Temperature
0
70
oC
Notes:
1. The input and output negative voltage ratings
may be exceded if the input and output clamp
currents are within limits.
2. Limited to 2.5V Max.
3. The package thermal impedance is calculated
according to JESD 51-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com