Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF004B Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST49LF004B
Description  4 Mbit LPC Firmware Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF004B Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST49LF004B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST49LF004B Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
4 Mbit LPC Firmware Flash
SST49LF004B
21
©2003 Silicon Storage Technology, Inc.
S71232-02-000
12/03
Data# Polling (DQ7)
When the SST49LF004B device is in the internal Program
operation, any attempt to read DQ7 will produce the com-
plement of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even
though DQ7 may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid. Valid data will appear on
the entire data bus in subsequent successive Read cycles
after an interval of 1 µs. During an internal Erase operation,
any attempt to read DQ7 will produce a '0'. Once the inter-
nal Erase operation is completed, DQ7 will produce a '1'.
Data# Polling is valid after the rising edge of the fourth WE#
pulse for the Program operation. For Sector-Erase, Block-
Erase, or Chip-Erase, the Data# Polling is valid after the ris-
ing edge of the sixth WE# pulse. See Figure 15 for Data#
Polling timing diagram. Proper status will not be given using
Data# Polling if the address is in the invalid range.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating '0's
and '1's, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of the fourth WE#
pulse for Program operation. For Sector-Erase, Block-
Erase or Chip-Erase, the Toggle Bit is valid after the rising
edge of the sixth WE# pulse. See Figure 16 for Toggle Bit
timing diagram.
Data Protection (PP Mode)
The SST49LF004B device provides both hardware and
software features to protect nonvolatile data from inadvert-
ent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# pulse of less than 5 ns will
not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, WE# high will inhibit
the Write operation. This prevents inadvertent writes during
power-up or power-down.
Software Data Protection (SDP)
The SST49LF004B provides the JEDEC approved Soft-
ware Data Protection scheme for all data alteration opera-
tion, i.e., Program and Erase. Any Program operation
requires the inclusion of a series of three-byte sequence.
The three-byte load sequence is used to initiate the Pro-
gram operation, providing optimal protection from inadvert-
ent Write operations, e.g., during the system power-up or
power down. Any Erase operation requires the inclusion of
a five-byte load sequence.
TABLE 12: OPERATION MODES SELECTION (PP MODE)
Mode
RST#
OE#
WE#
DQ
Address
Read
VIH
VIL
VIH
DOUT
AIN
Program
VIH
VIH
VIL
DIN
AIN
Erase
VIH
VIH
VIL
X1
Sector or Block address,
XXH for Chip-Erase
Reset
VIL
XX
High Z
X
Write Inhibit
VIH
VIL
VIH
High Z/DOUT
X
Product Identification
VIH
VIL
VIH
Manufacturer’s ID (BFH)
Device ID (60H)
A18 - A1 = VIL, A0 = VIL
A18 - A1 = VIL, A0 = VIH
T12.0 1232
1. X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com