Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLLCXCON-N Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # FLLCXCON-N
Description  The length of the leaky wave conductor must be adapted to the special length in the application. Connectors are then installed at both cable ends. Wireless devices can be connected to these via a flexible connecting cable.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FLLCXCON-N Datasheet(HTML) 1 Page - PHOENIX CONTACT

  FLLCXCON-N Datasheet HTML 1Page - PHOENIX CONTACT FLLCXCON-N Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2884965
12/4/13   Page 1 / 2
Connector - FL LCX CON-N/F - 2884965
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
The length of the leaky wave conductor must be adapted to the special length in the application. Connectors are
then installed at both cable ends. Wireless devices can be connected to these via a flexible connecting cable.
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
100.5 GRM
Custom tariff number
85176200
Country of origin
China
Technical data
General
Frequency range
2.4 GHz ... 6 GHz
Impedance
50 Ω
Connection method
N (female)
Classifications
eCl@ss
eCl@ss 4.0
27260700
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
19070490
eCl@ss 7.0
19070490
eCl@ss 8.0
19070490
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002635


Similar Part No. - FLLCXCON-N

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL107ME EUDYNA-FLL107ME Datasheet
83Kb / 4P
L-Band Medium & High Power GaAs FET
logo
fujitsu semiconductor
FLL1200IU-2 FUJITSU-FLL1200IU-2 Datasheet
92Kb / 4P
L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLL1200IU-3 EUDYNA-FLL1200IU-3 Datasheet
106Kb / 4P
L-Band High Power GaAs FET
FLL120MK EUDYNA-FLL120MK Datasheet
101Kb / 4P
L-Band Medium & High Power GaAs FET
logo
List of Unclassifed Man...
FLL1500IU-2C ETC1-FLL1500IU-2C Datasheet
153Kb / 4P
L-Band High Power GaAs FET
More results

Similar Description - FLLCXCON-N

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T-E ROHM-BR24T-E Datasheet
430Kb / 22P
Other devices than EEPROM can be connected to the same port, saving microcontroller port
logo
Fairchild Semiconductor
BZX55C39 FAIRCHILD-BZX55C39 Datasheet
166Kb / 4P
These ratings are limiting values above which the serviceability of the diode may be impaired.
logo
Tyco Electronics
408-4146 MACOM-408-4146 Datasheet
297Kb / 6P
The head must be installed in Pistol Grip Manual Handle Assembly
408-4147 MACOM-408-4147 Datasheet
296Kb / 6P
The head must be installed in Pistol Grip Manual Handle Assembly
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
The operating manual must be constantly within reach of the tool.
logo
PHOENIX CONTACT
2702519 PHOENIX-2702519 Datasheet
46Kb / 2P
Special alignment tool for the accurate mounting of connectors on the leaky wave conductors.
2884981 PHOENIX-2884981 Datasheet
44Kb / 2P
Special alignment tool for the accurate mounting of connectors on the leaky wave conductors.
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
2701457 PHOENIX-2701457 Datasheet
116Kb / 5P
Up to 63 Axioline F devices can be connected to the bus coupler.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com