Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XF0909P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0909P
Description  ALL DIMENSIONS IN MM [INCH].
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0909P Datasheet(HTML) 1 Page - E-SWITCH

  XF0909P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
L16PL10 BODY
F040003
1
1
50-001-04 RED CONCAVE TRANSPARENT LENS
F050104
1
2
50-004-02 6V AC/DC 200mA (Incandescent Bulb)
F050402
1
3
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLR10ARED
3:2
9/8/2016
XF0909P
A
MW
1
1
RECOMMENDED PANEL MOUNTING
2
1
3
18.00
[.709 in]
A
22486
RELEASED FOR PRODUCTION
9/8/16
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25 C to +55 C
5. STORAGE TEMP: -40 C TO +85 C
6. LAMP VOLTAGE: 6V AC/DC 200mA (Incandescent Bulb)
7. SEAL: PROTECTED TO IP40.
8. PANEL THICKNESS: 0.5 - 5.0 mm
9. PACKAGE: 20 PER BOX
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
7.2
[.283 in]
27.0 1.0
1.06 .04 in
[
]
7.9
[.31 in]
14.70
[.579 in]
10.8
[.425 in]
.50
[.020 in]
L
b (+)
a
CIRCUIT
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00 -.00
.30
+
.630 -.000
.012
+
in
[
]
RED (CONCAVE) BUTTON


Similar Part No. - XF0909P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0900P E-SWITCH-XF0900P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0901P E-SWITCH-XF0901P Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0902P E-SWITCH-XF0902P Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0903P E-SWITCH-XF0903P Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0904P E-SWITCH-XF0904P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
More results

Similar Description - XF0909P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com