Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BOGEYBOARD-868 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # BOGEYBOARD-868
Description  BOGEYBOARD-868
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BOGEYBOARD-868 Datasheet(HTML) 2 Page - rfsolutions.ltd

  BOGEYBOARD-868 Datasheet HTML 1Page - rfsolutions.ltd BOGEYBOARD-868 Datasheet HTML 2Page - rfsolutions.ltd BOGEYBOARD-868 Datasheet HTML 3Page - rfsolutions.ltd BOGEYBOARD-868 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.5Vdc – 12Vdc
Transmit type select -
Closed: Latching switch
Open: – Momentary switch
*Whilst BOGEYBOARD is supplied
with a battery connector for use
with a 9V PP3 battery, it is
designed to operate using any
voltage may be applied between
4.5Vdc and 12Vdc
BOGEYBOARD has four
inputs. Each requires a
volt free switch in order
to operate.
TIP: Minimise the length
of wires between the
board and your switch
BOGEYBOARD is supplied
with a small wire antenna
using this it is possible to
achieve up to 150m
range.
NOTE: An antenna
ground point is also
provided for those
wishing to change the
antenna*
LEDs:
Green – Transmit
Red – Ack fail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com