Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

110C3-433A Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # 110C3-433A
Description  AM / FM RADIO TRANSMITTER KEYFOBS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C3-433A Datasheet(HTML) 1 Page - rfsolutions.ltd

  110C3-433A Datasheet HTML 1Page - rfsolutions.ltd 110C3-433A Datasheet HTML 2Page - rfsolutions.ltd 110C3-433A Datasheet HTML 3Page - rfsolutions.ltd 110C3-433A Datasheet HTML 4Page - rfsolutions.ltd 110C3-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS110-6 Dec ‘12
©2006 Reg. No. 227 4001, ENGLAND
Page 1
AM / FM RADIO TRANSMITTER KEYFOBS
• Highly Secure
Protocol
• 1 – 3 Switch Options
• Led Indication Of Transmission
• Directly Compatible With Keeloq Decoder
• Power Saving Auto Shut Off Feature
• Automatically Transmits Battery Low Condition.
• User Customisable Housing
• Board Level Programming Of Id
• Range:
⇒
AM-315MHz upto 50m
⇒
AM-433MHz upto 100m
⇒
FM-433MHz upto 150m
• EMC & FCC Compliant
DESCRIPTION
The RF Solutions KEELOQ range of miniature pocket Keyfob encoders are available as Radio of Infra Red
transmitters.
When paired with one of the KEELOQ Rx decoder boards, a complete remote control system may be
achieved, with comprehensive interfacing capabilities. This may also be high security “code hopping”
The keyfobs are housed in a tough ABS enclosure and supplied with Battery ready to operate.
An membrane overlay sticker is used to indicate the switch positions which may be customised to
incorporate a specific logo or mark.
BLOCK DIAGRAM
KEELOQ
MCU
SW3
SW2
SW1
RF TX
LED
ANTENNA
9 - 12V
315MHz


Similar Part No. - 110C3-433A

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
110C3-433A RFSOLUTIONS-110C3-433A Datasheet
81Kb / 3P
AM / FM RADIO TRANSMITTER KEYFOBS
110C3-433A RFSOLUTIONS-110C3-433A Datasheet
231Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
More results

Similar Description - 110C3-433A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
AM/FM RADIO
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
AM/FM RADIO
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
FM/AM Radio
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
FM/AM Radio
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
AM / FM RADIO TRANSMITTER KEYFOBS
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
FM/AM Radio
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com