Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRAP-SHUFFLE Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # TRAP-SHUFFLE
Description  TRAP-SHUFFLE: Game Simulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TRAP-SHUFFLE Datasheet(HTML) 1 Page - rfsolutions.ltd

  TRAP-SHUFFLE Datasheet HTML 1Page - rfsolutions.ltd TRAP-SHUFFLE Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRAP-SHUFFLE: Game Simulator
Wiring a Plug
The Receiver is supplied With a 3 core cable where:
•
BROWN—12V
•
GREEN/YELLOW—0V
•
BLUE—Trigger Wire
A plug can be wired to the cable to be connected to many TRAP models. The image shows
wiring for two common TRAP manufacturers.
QS-TRAP-SHUFFLE-1
TRAP-SHUFFLE: Game Simulator
Quick Start Guide
What’s in the box?
•
Random Flush / All Release / Single Release
•
User selectable FLUSH from 1 to 100 clays
•
Variable speed control in real time
•
Controls up to 4 Receivers
•
Range up to 4km (line of sight)
•
Waterproof to IP68
1 x TRAP-SHUFFLE-TX
4 x TRAP-SHUFFLE-RX
QS-TRAP-SHUFFLE-1


Similar Part No. - TRAP-SHUFFLE

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TRAP-S1 RFSOLUTIONS-TRAP-S1 Datasheet
3Mb / 8P
TRAP Remote Control Systems
TRAP-S4 RFSOLUTIONS-TRAP-S4 Datasheet
3Mb / 8P
TRAP Remote Control Systems
More results

Similar Description - TRAP-SHUFFLE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
Casino Game 5-in-1 LCD Game
25th Nov 98
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
In-Circuit Simulator
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
CubeSuite Simulator
logo
Keysight Technologies
W2309EP KEYSIGHT-W2309EP Datasheet
167Kb / 4P
Bus Simulator
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
Bus Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
8029524 FESTO-8029524 Datasheet
78Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
Simulator
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
PROFIBUS master simulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com