Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSM2F-6918 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CSM2F-6918
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSM2F-6918 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CSM2F-6918 Datasheet HTML 1Page - Bourns Electronic Solutions CSM2F-6918 Datasheet HTML 2Page - Bourns Electronic Solutions CSM2F-6918 Datasheet HTML 3Page - Bourns Electronic Solutions CSM2F-6918 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
ModelCSM2F-6918SeriesCurrentSenseResistor
Power Derating Curve
07/18
0
020406080
100
120
+70°C
140
0.2
0.4
TerminalTemperature(°C)
0.6
0.8
1.0
1.2
160
180
Packaging Specifications
Standard Bulk Pack
...................... 50 pcs. per plastic bag;
100 pcs. per box
Tray Pack ..........52 pcs. per high impact
polysterene tray;
260 pcs. per box
General Specifications
Moisture Sensitivity Level..................... 1
ESD Classification.......................Level 6
per AEC-Q200-002,
≥ 25,000 V air discharge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com