Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSM2F-7036 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSM2F-7036
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSM2F-7036 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSM2F-7036 Datasheet HTML 1Page - Bourns Electronic Solutions CSM2F-7036 Datasheet HTML 2Page - Bourns Electronic Solutions CSM2F-7036 Datasheet HTML 3Page - Bourns Electronic Solutions CSM2F-7036 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
ModelCSM2F-7036SeriesCurrentSenseResistor
TCR Curves
-0.80
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
0.80
-50
-40
-30
-20
-25
-10
02530405075
100
125
150
170
Temperature(°C)
MaterialChart
±50PPM
TemperatureCoefficient
TemperatureDependenceforResistiveMaterial
Product Dimensions
NOTES:
1. Tinned Terminals: 100 % Sn,
RoHS Complaint, JESD201 Class-2,
ST200 Process, 2.5 -8 micrometers,
NI underplate 1.5- 4 micrometers.
2. Base Material Copper: C10200 Temper
1/2 Hard.
70.00 ± 0.40
(2.756 ± 0.016)
50.00 ± 0.20
(1.969 ± 0.008)
9.40
(0.370)
RESISTIVE
MATERIAL
36.00 ± 0.20
(1.417 ± 0.008)
12.57 ± 0.15
(0.495 ± 0.006)
VOLTAGE
TEST
POINTS
OPTIONAL
TRIMMING
2 PLCS.
5.0
(0.197)
45 ° X
CHAMFER
1 PLACE
2.0
(0.079)
45 ° X
CHAMFER
TYP.
3 PLCS.
8.50 ± 0.15
(0.335 ± 0.006)
DIA. 2 PLCS.
3.00
(0.118)
BASE MATERIAL
C10200 (NOTE 1)
2.00
(0.079)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.25
UNLESSOTHERWISENOTED
(0.010)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com