Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT28HC256DM-90 Datasheet(PDF) 19 Page - Force Technologies Ltd

Part # FT28HC256DM-90
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256DM-90 Datasheet(HTML) 19 Page - Force Technologies Ltd

Back Button FT28HC256DM-90 Datasheet HTML 15Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 16Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 17Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 18Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 19Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 20Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 21Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 22Page - Force Technologies Ltd FT28HC256DM-90 Datasheet HTML 23Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
19 of 23
REV 1.0
PACKAGING INFORMATIN
0.620 (15.75)
0.590 (14.99)
Typ. 0.614 (15.60)
0.110 (2.79)
0.090 (2.29)
Typ. 0.100 (2.54)
1.690 (42.95)
Max.
0.023 (0.58)
0.014 (0.36)
Typ. 0.018 (0.46)
0.232 (5.90) Max.
0.060 (1.52)
0.015 (0.38)
Pin 1
0.200 (5.08)
0.125 (3.18)
0.065 (1.65)
0.033 (0.84)
Typ. 0.055 (1.40)
0.610 (15.49)
0.500 (12.70)
0.100 (2.54) Max.
0°
15°
32-Lead Hermetic Dual In-Line Package Type D
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.005 (0.13) Min.
0.150 (3.81) Min.
0.015 (0.38)
0.008 (0.20)
Seating
Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com