Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT27C010-12DI Datasheet(PDF) 7 Page - Force Technologies Ltd

Part # FT27C010-12DI
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010-12DI Datasheet(HTML) 7 Page - Force Technologies Ltd

Back Button FT27C010-12DI Datasheet HTML 3Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 4Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 5Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 6Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 7Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 8Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 9Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 10Page - Force Technologies Ltd FT27C010-12DI Datasheet HTML 11Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FT27C010(L)
Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP..
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven—
see timing diagram.
3. Program Pulse width tolerance is 100 µsec ± 5%.
AC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25 V, VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2
µs
tCES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to Output Float Delay(2)
0
130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
PGM Program Pulse Width(3)
95
105
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise TIme
During Programming
50
ns
Force 27C010(L) uses Integrated Product Identification Code
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
00
001
111
0
1E
Device
T
ype
10
000
010
1
05
2006
7/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com