Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VCXR162245TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCXR162245TTR
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXR162245TTR Datasheet(HTML) 1 Page - STMicroelectronics

  74VCXR162245TTR Datasheet HTML 1Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 2Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 3Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 4Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 5Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 6Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 7Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 8Page - STMicroelectronics 74VCXR162245TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
July 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED IN BOTH A, B OUTPUTS:
tPD = 3.4 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 4.3 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 5.7 ns (MAX.) at VCC =1.8V
s
SYMMETRICAL IMPEDANCE OUTPUTS:
|IOH|= IOL = 12mA (MIN) at VCC =3.0V
|IOH|= IOL =8mA (MIN) at VCC =2.3V
|IOH|= IOL =4mA (MIN) at VCC =1.8V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
26
Ω SERIE RESISTORS IN BOTH A AND B
PORT OUTPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.8V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES R162245
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCXR162245 is a low voltage CMOS 16
BIT BUS TRANSCEIVER (3-STATE) fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. It is ideal for low power
and very high speed 1.8 to 3.6V applications; it
can be interfaced to 3.6V signal environment for
both inputs and outputs.
This IC is intended for two-way asynchronous
communication between data buses; the direction
of data transmission is determined by DIR input.
The two enable inputs nG can beusedtodisable
the device so that the buses are effectively
isolated. The device circuits is including 26
Ω se-
ries resistance in the A and B port outputs. These
resistors permit to reduce line noise in high speed
applications.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage. All floating bus terminals during High Z
State must be held HIGH or LOW.
74VCXR162245
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER
(3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VCXR162245TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74VCXR162245TTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
140Kb / 9P
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601MTD FAIRCHILD-74VCXR162601MTD Datasheet
60Kb / 7P
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCXR162601MTD FAIRCHILD-74VCXR162601MTD Datasheet
140Kb / 9P
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results

Similar Description - 74VCXR162245TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
25-Feb-2005
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Nov-2003
74VCXH16245 STMICROELECTRONICS-74VCXH16245 Datasheet
292Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com