Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB1138BG-12-AB5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LB1138BG-12-AB5-R
Description  HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1138BG-12-AB5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LB1138BG-12-AB5-R Datasheet HTML 1Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 2Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 3Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 4Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 5Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 6Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1138B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-323.K
OPERATION
1. Basic operation
The reference voltage (VREF) and VFB(the output voltage resistance-divided by feedback resistors RS and RF)
are the input for the error amplifier.
2. Output transistor
A low on-resistance P-channel MOSFET is used as the output transistor. Inverse current flowing from VOUT pin
through a parasitic diode to VIN pin can damage the regulator, so be sure that VOUT does not exceed VIN + 0.3V.
3. Shutdown pin (ON/OFF pin)
The shutdown pin can start and stop the regulator.The shutdown mode set by this pin can stop the operation
of all internal circuits. The structure of the ON/OFF pin is shown in Fig. When the ON/OFF pin is not used,
connect it to the VIN pin.
ON/OFF Pin
Internal Circuits
VOUT Pin Voltage
Current Consumption
“L”: Power off
Stopped
GND level
ISS2
“H”: Power on
Operating
Set value
ISS1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com