Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR1106G-15-S08-B-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR1106G-15-S08-B-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106G-15-S08-B-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LR1106G-15-S08-B-R Datasheet HTML 3Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 4Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 5Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 6Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 7Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 8Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 9Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 10Page - Unisonic Technologies LR1106G-15-S08-B-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 17
www.unisonic.com.tw
QW-R502-055.AA
ELECTRICAL CHARACTERISTICS(Cont.)
For LR1106-31
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.1V, IOUT=40mA
3.038
3.100
3.162
V
Input Voltage
VIN
8
V
Load Regulation
∆VOUT
VIN=4.1V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
150
220
Dropout Voltage
VD2
IOUT=200mA
300
420
mV
Maximum Output Current
IOUT(MAX)
VIN=4.1V, VOUT≥VOUT× 0.96
400
mA
Supply Current
ISS
VIN=4.1V, VEN=VIN
30.0
50.0
μA
IEH
VEN=VIN
0.1
μA
EN Input Bias Current
IEL
VEN=0, VIN=4.1V to 8V
1.0
3.0
μA
VEH
VIN=4.1V to 8V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=4.1V to 8V
0
0.4
V
Line Regulation
△
VOUT
△
VIN×VOUT
IOUT=40mA, 4V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±100
ppm/°С
For LR1106-33
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.3V, IOUT=40mA
3.234
3.300
3.366
V
Input Voltage
VIN
8
V
Load Regulation
∆VOUT
VIN=4.3V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
150
220
Dropout Voltage
VD2
IOUT=200mA
300
420
mV
Maximum Output Current
IOUT(MAX)
VIN=4.3V, VOUT≥VOUT× 0.96
400
mA
Supply Current
ISS
VIN=4.3V, VEN=VIN
30.0
50.0
μA
IEH
VEN=VIN
0.1
μA
EN Input Bias Current
IEL
VEN=0, VIN=4.3V to 8V
1.0
3.0
μA
VEH
VIN=4.3V to 8V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=4.3V to 8V
0
0.4
V
Line Regulation
△
VOUT
△
VIN×VOUT
IOUT=40mA, 4.3V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±100
ppm/°С
For LR1106-50
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.0V, IOUT=40mA
4.900
5.000
5.100
V
Input Voltage
VIN
8
V
Load Regulation
∆VOUT
VIN=6.0V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
100
180
Dropout Voltage
VD2
IOUT=200mA
200
320
mV
Maximum Output Current
IOUT(MAX)
VIN=6.0V, VOUT≥VOUT× 0.96
400
mA
Supply Current
ISS
VIN=6.0V, VEN=VIN
30.0
50.0
μA
IEH
VEN=VIN
0.1
μA
EN Input Bias Current
IEL
VEN=0, VIN=6.0V to 8V
1.0
3.0
μA
VEH
VIN=6.0V to 8V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=6.0V to 8V
0
0.4
V
Line Regulation
△
VOUT
△
VIN×VOUT
IOUT=40mA, 6.0V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±100
ppm/°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com