Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C3364PFS32A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32A
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AS7C3364PFS32A
AS7C3364PFS36A
®
2/1/01
Alliance Semiconductor
P. 6 of 11
Timing characteristics over operating range
*See “Notes” on page 10.
Key to switching waveforms
Parameter
Symbo
l
–166
–150
–133
–100
Unit
Notes
*
Min
Max
Min
Max
Min
Max
Min
Max
Clock frequency
fMax
166
150
133
100
MHz
Cycle time (pipelined mode)
tCYC
6
6.7
7.5
10
ns
Cycle time (flow-through mode)
tCYCF
10
–10–12
–12–
ns
Clock access time (pipelined mode)
tCD
3.5
3.8
4.0
5.0
ns
Clock access time (flow-through
mode)
tCDF
9
–10–10
–12
ns
Output enable LOW to data valid
tOE
3.5
3.8
4.0
5.0
ns
Clock HIGH to output Low Z
tLZC
0–
0–
0
0
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5
1.5
1.5
1.5
ns
2
Output enable LOW to output Low Z
tLZOE
0–
0–
0
0
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
3.5
3.8
4.0
4.5
ns
2,3,4
Clock HIGH to output High Z
tHZC
3.5
3.8
4.0
5.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0–
0–
0
0
ns
Clock HIGH pulse width
tCH
2.4
2.5
2.5
3.5
ns
5
Clock LOW pulse width
tCL
2.4
2.5
2.5
3.5
ns
5
Address setup to clock HIGH
tAS
1.5
1.5
1.5
2.0
ns
6
Data setup to clock HIGH
tDS
1.5
1.5
1.5
2.0
ns
6
Write setup to clock HIGH
tWS
1.5
1.5
1.5
2.0
ns
6,7
Chip select setup to clock HIGH
tCSS
1.5
1.5
1.5
2.0
ns
6,8
Address hold from clock HIGH
tAH
0.5
0.5
0.5
0.5
ns
6
Data hold from clock HIGH
tDH
0.5
0.5
0.5
0.5
ns
6
Write hold from clock HIGH
tWH
0.5
0.5
0.5
0.5
ns
6,7
Chip select hold from clock HIGH
tCSH
0.5
0.5
0.5
0.5
ns
6,8
ADV setup to clock HIGH
tADVS
1.5
1.5
1.5
2.0
ns
6
ADSP setup to clock HIGH
tADSPS
1.5
1.5
1.5
2.0
ns
6
ADSC setup to clock HIGH
tADSCS
1.5
1.5
1.5
2.0
ns
6
ADV hold from clock HIGH
tADVH
0.5
0.5
0.5
0.5
ns
6
ADSP hold fromclock HIGH
tADSPH
0.5
0.5
0.5
0.5
ns
6
ADSC hold from clock HIGH
tADSCH
0.5
0.5
0.5
0.5
ns
6
Undefined/don’t care
Falling input
Rising input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com