Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF-0402FP300F Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0402FP300F
Description  Fast Acting Precision Surface Mount Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402FP300F Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0402FP300F Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 4Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF-0402FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Solder Reflow Recommendations
Average Pre-Arcing Time vs. Current Curves
Average I2t vs. t Curves
Profile Feature
Pb-Free Assembly
Preheat/Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150°C
200°C
60~120 seconds
Ramp Up Rate (TL to Tp)
3°C/secondmax.
Liquidous Temperature (TL)
Time (tL)maintainedaboveTL
217°C
60~150 seconds
PeakPackageBody
Temperature (Tp)
260°C
Time (tp)*within5°Cofthe
specifiedclassificationtemperature
(Tc)
30 seconds*
Ramp Down Rate (Tp to TL)
6°C/secondmax.
Time25°CtoPeakTemperature
8 minutes max.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
260
150
10 sec. max.
PREHEATING
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
120 seconds
TIME
*Toleranceforpeakprofiletemperature(Tp)isdefinedasa
supplier minimum and a user maximum.
REV.D06/18
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.01
0.1
1
TIME (SECONDS)
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.50 A
3.00 A
3.50 A
4.00 A
5.00 A
0.50 A
0.375 A
0.25 A
0.20 A
0.375 A
0.50 A
0.75 A
0.20 A
0.25 A
1.50 A
1.25 A
1.00 A
2.00 A
2.50 A
3.00 A
3.50 A
5.00 A
4.00 A
1.75 A
1
0.1
0.01
0.001
0.0001
0.1
110
100
CURRENT (A)
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.01
0.1
1
TIME (SECONDS)
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.50 A
3.00 A
3.50 A
4.00 A
5.00 A
0.50 A
0.375 A
0.25 A
0.20 A
0.375 A
0.50 A
0.75 A
0.20 A
0.25 A
1.50 A
1.25 A
1.00 A
2.00 A
2.50 A
3.00 A
3.50 A
5.00 A
4.00 A
1.75 A
1
0.1
0.01
0.001
0.0001
0.1
110
100
CURRENT (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com