Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6957-2 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6957-2
Description  Low Phase Noise, Dual Output Logic Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6957-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6957-2 Datasheet HTML 17Page - Analog Devices LTC6957-2 Datasheet HTML 18Page - Analog Devices LTC6957-2 Datasheet HTML 19Page - Analog Devices LTC6957-2 Datasheet HTML 20Page - Analog Devices LTC6957-2 Datasheet HTML 21Page - Analog Devices LTC6957-2 Datasheet HTML 22Page - Analog Devices LTC6957-2 Datasheet HTML 23Page - Analog Devices LTC6957-2 Datasheet HTML 24Page - Analog Devices LTC6957-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC6957-1/LTC6957-2/
LTC6957-3/LTC6957-4
21
6957fb
For more information www.linear.com/LTC6957-1
Figure 4
Figure 4 shows the interface between current mode logic
(CML) signals and the LTC6957 inputs. The specifics of
terminating will be dependent on the particular CML driver
used; Figure 4 shows terminations only at the load end
of the line, but the same LTC6957 interface is appropri-
ate for applications with the source end of the line also
terminated. In Figure 4a, a differential signal interface to
the LTC6957 is shown, which must be AC-coupled due to
the DC input levels required at the LTC6957.
6957 F04a
RTERM
RTERM
–
+
LTC6957
10nF
10nF
6957 F04b
RTERM
–
+
LTC6957
Figure 4b. Single-Ended CML Input
Figure 4a. Differential CML Input
10nF
10nF
APPLICATIONS INFORMATION
Figure 4b shows a single-ended CML signal driving the
LTC6957. This is not commonly used because of noise
and immunity weaknesses compared to the differen-
tial CML case. Because the signal is created by a cur-
rent pulled through the termination resistor, the signal
is inherently referenced to the supply voltage to which
RTERM is tied. For that reason, the other LTC6957 should
be AC-referenced to that supply voltage as shown.
The polarity change shown here is for graphic clarity only,
and can be reversed by swapping the LTC6957 input
terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com