Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCC56-18IO1B Datasheet(PDF) 5 Page - IXYS Corporation

Part # MCC56-18IO1B
Description  Phase leg
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-18IO1B Datasheet(HTML) 5 Page - IXYS Corporation

  MCC56-18IO1B Datasheet HTML 1Page - IXYS Corporation MCC56-18IO1B Datasheet HTML 2Page - IXYS Corporation MCC56-18IO1B Datasheet HTML 3Page - IXYS Corporation MCC56-18IO1B Datasheet HTML 4Page - IXYS Corporation MCC56-18IO1B Datasheet HTML 5Page - IXYS Corporation MCC56-18IO1B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCC56-18io1B
0
25
50
75
100
125
150
T
a [°C]
T
C [°C]
t [ms]
t [s]
0.01
0.1
1
0
200
400
600
800
1000
1200
1400
0
1
1
103
104
105
0
25
50
75
100 125 150
0
20
40
60
80
100
120
I
TSM
[A]
I
TAVM
[A]
0
20
40
60
80
0
20
40
60
80
100
120
P
tot
[W]
I
TAVM [A]
0
25
50
75
100
125
150
0
40
80
120
160
0
100
200
300
400
500
I
2dt
[A
2s]
T
VJ = 45°C
180 ° sin
120 °
60 °
30 °
DC
T
VJ = 125°C
P
tot
[W]
I
dAVM
[A]
T
a [°C]
Fig. 1 Surge overload current I
TSM,
I
FSM: Crest value, t: duration
Fig. 2 I
2t versus time (1-10 ms)
Fig. 3 Max. forward current
at case temperature
Fig. 4 Power dissipation vs. on-state current & ambient temperature
(per thyristor or diode)
Fig. 5 Gate trigger characteristics
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct
output current and ambient temperature
Fig. 7 Gate trigger delay time
180 ° sin
120 °
60 °
30 °
DC
0.01
0.1
1
10
0.1
1
10
100
I
G [A]
I
G [mA]
T
VJ = 25°C
t
gd
[µs]
limit
typ.
T
VJ = 45°C
T
VJ = 125°C
I
TSM = 50 Hz
IFSM = 80% VRRM
R
thKA K/W
0.5
0.25
0.3
0.4
0.15
0.2
0.1
0.6
100
101
102
103
104
0.1
1
10
6
1
3
4
5
1: I
GT
, TVJ = 125°C
2: I
GT, TVJ = 25°C
3: I
GT, TVJ = -40°C
V
G
[V]
6: P
GM = 10 W
5: P
GM = 5 W
4: P
GAV = 0.5 W
I
GD
, T4 = 125°C
2
V
R = 0 V
R
thKA K/W
0.8
1
1.2
1.5
2
2.5
3
4
B6
Circuit
3x MCC56 or
3x MCD56
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com