Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JDP2S02AFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDP2S02AFS
Description  TOSHIBA Diode Silicon Epitaxial PIN Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S02AFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDP2S02AFS Datasheet HTML 1Page - Toshiba Semiconductor JDP2S02AFS Datasheet HTML 2Page - Toshiba Semiconductor JDP2S02AFS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDP2S02AFS
2003-2-21
1
TOSHIBA Diode Silicon Epitaxial PIN Type
JDP2S02AFS
UHF~VHF Band RF Switch Applications
· Suitable for reducing set’s size as a result from enabling high-density
mounting due to 2-pin small packages.
· Low series resistance: rs = 1.0 Ω (typ.)
· Low capacitance: CT = 0.3 pF (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 10 µA
30
¾
¾
V
Reverse current
IR
VR = 30 V
¾
¾
0.1
µA
Forward voltage
VF
IF = 50 mA
¾
0.9
0.94
V
Capacitance
CT
VR = 1 V, f = 1 MHz
¾
0.3
0.4
pF
Series resistance
rs
IF = 10 mA, f = 100 MHz
¾
1.0
1.5
Ω
Note: Signal level when capacitance is measured. Vsig = 100 mVrms
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.0006 g
2
0.2
0.1±0.05
0.6±0.05
A
A
A
A
0.48+0.02
-0.03
±0.05
A
A
A
A
M
M
M
M
0.07


Similar Part No. - JDP2S02AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S02AFS TOSHIBA-JDP2S02AFS Datasheet
131Kb / 3P
UHF~VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_07 Datasheet
131Kb / 3P
UHF~VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_14 Datasheet
142Kb / 3P
UHF-VHF Band RF Switch Applications
More results

Similar Description - JDP2S02AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S01AFS TOSHIBA-JDP2S01AFS Datasheet
146Kb / 3P
TOSHIBA Diode Silicon Epitaxial PIN Type
1SV271 TOSHIBA-1SV271_14 Datasheet
151Kb / 3P
TOSHIBA Diode Silicon Epitaxial Pin Type
1SV307 TOSHIBA-1SV307_14 Datasheet
151Kb / 3P
TOSHIBA Diode Silicon Epitaxial Pin Type
1SV308 TOSHIBA-1SV308_14 Datasheet
153Kb / 3P
TOSHIBA Diode Silicon Epitaxial Pin Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com