Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCLPD-100-XS Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPCLPD-100-XS
Description  100W Wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPCLPD-100-XS Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPCLPD-100-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPCLPD-100-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPCLPD-100-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPCLPD-100-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC/LPD-100-XS series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 4
INPUT CHARACTERISTICS
Conditions
Parameter
Input voltage range
90Vac~264Vac 120-370VDC
Max. input voltage
300Vac input,no damage,dwell time 5000 mS
Rated input voltage range
100Vac~240Vac 120-370VDC
Frequency Range
47Hz~63Hz
Set-up voltage@-30~70℃
90Vac(refer to the derating curve)
Input current@25℃
≤1.9A@115Vac / ≤1.2A@220Vac
Inrush current @25℃
≤65A@230Vac Cold start
Standby power@25℃
<0.5W
PROTECTION @-30~70℃
Conditions
Parameter
Over-power
110%~180% of rated power, Hiccup mode, auto recovery
Over-voltage
115%~150% of rated output voltage, constant voltage, auto recovery
Over-load
110%~180% of rated current, Hiccup mode, auto recovery
Output short circuit protection
Long-term mode, Auto recovery
ENVIRONMENT CHARACTERISTICS
Conditions
Parameter
Operating amb. Temp.&Humi.
-30℃~70℃; 20%~90%RH No condensing
(refer to the derating curve)
Storage Temp. & Humi.
-40℃~85℃; 10%~95%RH No condensing
Vibration
10 ~ 500Hz, 5G 10min./1cycle, period for60min. each along X,Y, Z axes
Pulse
20G/11mS pulse ,3 times at each X,Y,Z axes
Altitude
5000m
SAFETY&EMC STANDARDS @25℃
Conditions
Parameter
Safety Standards
Meet UL60950-1, TUV EN60950-1, EN61558-1/-2-16,CCC GB4943
Withstand Voltage
I/P-O/P:3.75KVac/10mA; I/P-FG:2.0KVac/10mA; O/P-FG:0.5KVdc/10mA
test time:1min.
Grounding test
Test condition:40A/2min.;Grounding resistance:<0.1 ohms.
Leakage Current
I/P-Grounding≤0.75mA; I/P-O/P ≤0.25mA 240Vac input 63Hz
Isolation resistance
I/P-O/P: 100M ohms;
I/P-FG : 100M ohms;
O/P-FG : 100M ohms
EMC emission
Compliance to EN55032 Class B/FCC Part15 Class B
EMC immunity
Compliance to EN61000-4-2,3,4,5,6,8,11
Harmonic Current
Compliance to EN61000-3-2,CLASS A
OTHERS
Conditions
Parameter
Cooling method
Cooling by free air flow
Dimension (L*W*H)
129*97*30mm
Net Weight
0.29kg
RELIABIILITY CHARACTERISTICS
Conditions
Parameter
MTBF
200,000Hrs AT 25℃, MIL-217 Method 2 Components Stress Method
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com