Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCD95-12IO8B Datasheet(PDF) 5 Page - IXYS Corporation

Part # MCD95-12IO8B
Description  Thyristor Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD95-12IO8B Datasheet(HTML) 5 Page - IXYS Corporation

  MCD95-12IO8B Datasheet HTML 1Page - IXYS Corporation MCD95-12IO8B Datasheet HTML 2Page - IXYS Corporation MCD95-12IO8B Datasheet HTML 3Page - IXYS Corporation MCD95-12IO8B Datasheet HTML 4Page - IXYS Corporation MCD95-12IO8B Datasheet HTML 5Page - IXYS Corporation MCD95-12IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCD95-12io8B
0
50
100
T
a [°C]
T
C [°C]
t [ms]
t [s]
0.001
0.01
0.1
1
500
1000
1500
2000
2500
2
3
4 5 6 7 8 9 0
1
1
104
105
0
25
50
75
100 125 150
0
50
100
150
200
250
I
TSM
[A]
I
TAVM
[A]
0
50
100
150
0
50
100
150
200
250
P
tot
[W]
I
TAVM, IFAVM [A]
0
50
100
150
0
100
200
300
0
200
400
600
800
1000
I
2t
[A
2s]
T
VJ = 45°C
180° sin
120°
60°
30°
DC
T
VJ = 125°C
50 Hz
80% V
RRM
TVJ = 45°C
T
VJ = 125°C
P
tot
[W]
I
dAVM
[A]
T
a [°C]
V
R = 0 V
B6
Circuit
3x MCC95 or
3x MCD95
180° sin
120°
60°
30°
DC
R
thKA K/W
0.4
0.6
0.8
1
1.2
1.5
2
3
0.01
0.1
1
10
0.1
1
10
100
0.01
0.1
1
10
0.1
1
10
100
I
G [A]
V
G
[V]
I
G [A]
T
VJ = 25°C
t
gd
[μs]
limit
typ.
t
p =
30 µs
t
p = 500 µs
PGM = 120 W
60 W
P
GAV =
8 W
I
GT (T
VJ = -40°C)
IGT (TVJ = 0°C)
I
GT (T
VJ = 25°C)
I
GD
R
thKA K/W
0.3
0.08
0.12
0.15
0.03
0.06
0.5
Fig. 1 Surge overload current I
TSM,
I
FSM: Crest value, t: duration
Fig. 2 I
2t versus time (1-10 ms)
Fig. 3 Max. forward current
at case temperature
Fig. 4 Power dissipation vs. on-state current & ambient temperature
(per thyristor or diode)
Fig. 5 Gate trigger characteristics
Fig. 6 Three phase rectifier bridge: Power dissipation vs. direct
output current and ambient temperature
Fig. 7 Gate trigger delay time
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20161222c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com