Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C14734 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14734
Description  Black shade for FLORENTINA-2X2 assemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14734 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14734 Datasheet HTML 1Page - Ledil, Inc. C14734 Datasheet HTML 2Page - Ledil, Inc. C14734 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C14734_FLORENTINA-2X2-SHD
FLORENTINA-2X2-SHD
Black shade for FLORENTINA-2X2 assemblies
TECHNICAL SPECIFICATIONS:
Dimensions
95.57x95.57 mm
Height
17.7 mm
Fastening
pin
Colour
black
Box size
451 x 241 x 298 mm
Box weight
10 kg
Quantity in Box
248 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
FLORENTINA-2X2-SHD
Shade
PC
black
Last update: 21/08/2017
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14734

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
C1473 PANASONIC-C1473 Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type
logo
Ledil, Inc.
C14731 LEDIL-C14731 Datasheet
3Mb / 3P
Narrow forward throw beam for area lighting.
logo
Panasonic Semiconductor
C1473A PANASONIC-C1473A Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type
More results

Similar Description - C14734

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14446 LEDIL-C14446 Datasheet
3Mb / 3P
Black shade for FLORENTINA (12X1) assemblies
C14960 LEDIL-C14960 Datasheet
2Mb / 3P
White shade for FLORENTINA-2X2 assemblies
C15196 LEDIL-C15196 Datasheet
6Mb / 3P
Open shade design for FLORENTINA-2X2 assemblies and custom faceplates
C15198 LEDIL-C15198 Datasheet
2Mb / 3P
Open shade design for FLORENTINA-4X1 assemblies and custom faceplates
C15427 LEDIL-C15427 Datasheet
3Mb / 3P
Black shade for FLORENTINA-1 assemblies
C15469 LEDIL-C15469 Datasheet
3Mb / 3P
White shade for FLORENTINA (12X1) assemblies
C15690 LEDIL-C15690 Datasheet
2Mb / 3P
White shade for FLORENTINA-4X1 assemblies
C17580 LEDIL-C17580 Datasheet
1Mb / 3P
White shade for additional backlight control
C17677 LEDIL-C17677 Datasheet
2Mb / 3P
Black shade for additional backlight control
C16701 LEDIL-C16701 Datasheet
1Mb / 3P
White shade for FLORENTINA-1 assemblies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com