Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM3302 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 3 Page - Analog Devices

  SSM3302_13 Datasheet HTML 1Page - Analog Devices SSM3302_13 Datasheet HTML 2Page - Analog Devices SSM3302_13 Datasheet HTML 3Page - Analog Devices SSM3302_13 Datasheet HTML 4Page - Analog Devices SSM3302_13 Datasheet HTML 5Page - Analog Devices SSM3302_13 Datasheet HTML 6Page - Analog Devices SSM3302_13 Datasheet HTML 7Page - Analog Devices SSM3302_13 Datasheet HTML 8Page - Analog Devices SSM3302_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 3 of 20
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
SSM3302
PVDD
PGND
THERM
GAIN
CONTROL
40kΩ
40kΩ
MODULATOR
(Σ-Δ)
FET
DRIVER
INR+
INR–
MONO
INTERNAL
OSCILLATOR
BIAS
BOOTR+
BOOTR–
OUTR+
OUTR–
EDGE
CONTROL
SDNR
GAIN
CONTROL
40kΩ
40kΩ
MODULATOR
(Σ-Δ)
FET
DRIVER
INL+
INL–
BOOTL+
EDGE
BOOTL–
OUTL+
OUTL–
SDNL
BIAS
GAIN
VREG
VREG
(AVDD)
REGEN
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com