Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM6322CP-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # SSM6322CP-EBZ
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322CP-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM6322CP-EBZ Datasheet HTML 6Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 7Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 8Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 9Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 10Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 11Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 12Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 13Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 10 of 20
1
0.1
0.01
0.0001
0.001
0.00001
0.01
0.1
1
VIN (VRMS)
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 16. CCIF vs. Input Voltage (VIN), VSY = ±5 V
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±5V, VSD = 5V, AV = 10
CH1
CH2
Figure 17. Input Voltage Noise vs. Frequency, VSY = ±5 V
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±3.3V, VSD = 3.3V, AV = 10
CH1
CH2
Figure 18. Input Voltage Noise vs. Frequency, VSY = ±3.3 V
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
RS = 100kΩ
BUFFER AV = 1
±5V
±3.3V
Figure 19. Input Current Noise vs. Frequency
1k
0.01
0.1
1
10
100
0.001
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
±5V
±3.3V
Figure 20. Enabled Output Impedance vs. Frequency
60
10
20
30
40
50
0
VOS (µV)
VSY = ±5V, TA = 25°C
600 CHANNELS
MEAN = 42µV
STDEV = 45µV
Figure 21. Input Offset Voltage (VOS) Distribution, VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com