Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM431ACZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM431ACZ
Description  Programmable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM431ACZ Datasheet(HTML) 2 Page - ON Semiconductor

  LM431ACZ Datasheet HTML 1Page - ON Semiconductor LM431ACZ Datasheet HTML 2Page - ON Semiconductor LM431ACZ Datasheet HTML 3Page - ON Semiconductor LM431ACZ Datasheet HTML 4Page - ON Semiconductor LM431ACZ Datasheet HTML 5Page - ON Semiconductor LM431ACZ Datasheet HTML 6Page - ON Semiconductor LM431ACZ Datasheet HTML 7Page - ON Semiconductor LM431ACZ Datasheet HTML 8Page - ON Semiconductor LM431ACZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM431A / LM431B / LM431C Rev. 1.2.0
1
June 2013
LM431A / LM431B / LM431C
Programmable Shunt Regulator
Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2 Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full-Range Temperature Coefficient of
50 ppm/°C (Typical)
• Temperature Compensated for Operation Over Full
Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Ordering Information
Part Number
Operating
Temperature
Range
Output Voltage
Tolerance
Top Mark
Package
Packing Method
LM431CCZ
-25 ~ +85°C
0.5%
LM431CCZ
TO-92
Bulk
LM431CCMX
LM431CCM
8-SOIC
Tape and Reel
LM431BCZX
1%
LM431BCZ
TO-92
Tape and Reel
LM431BCZXA
LM431BCZ
TO-92
Ammo
LM431BCMX
LM431BCM
8-SOIC
Tape and Reel
LM431ACZ
2%
LM431ACZ
TO-92
Bulk
LM431ACZX
LM431ACZ
TO-92
Tape and Reel
LM431ACMX
LM431ACM
8-SOIC
Tape and Reel
LM431CIMX
-40 ~ +85°C
0.5%
LM431CIM
8-SOIC
Tape and Reel
LM431BIZX
1%
LM431BIZ
TO-92
Tape and Reel
LM431AIZ
2%
LM431AIZ
TO-92
Bulk
LM431AIMX
LM431AIM
8-SOIC
Tape and Reel
Description
The LM431A / LM431B / LM431C are three-terminal out-
put adjustable regulators with thermal stability over the
full operating temperature range. The output voltage can
be set to any value between VREF (approximately 2.5 V)
and 36 V with two external resistors. These devices have
a typical dynamic output impedance of 0.2 Ω. Active out-
put circuit provides a sharp turn-on characteristic, mak-
ing these devices excellent replacements for Zener
diodes in many applications.
TO-92
8-SOIC
1. Ref 2. Anode 3. Cathode
1
1
1.Cathode 2.3.6.7.Anode
4.5.NC 8.Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com