Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC68C752B Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 41Page - NXP Semiconductors SC68C752B Datasheet HTML 42Page - NXP Semiconductors SC68C752B Datasheet HTML 43Page - NXP Semiconductors SC68C752B Datasheet HTML 44Page - NXP Semiconductors SC68C752B Datasheet HTML 45Page - NXP Semiconductors SC68C752B Datasheet HTML 46Page - NXP Semiconductors SC68C752B Datasheet HTML 47Page - NXP Semiconductors SC68C752B Datasheet HTML 48Page - NXP Semiconductors SC68C752B Datasheet HTML 49Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
47 of 49
15. Revision history
Table 30:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
SC68C752B_3
20051129
Product data sheet
-
-
SC68C752B_2
Modifications:
• added HVQFN32 package option (affects Section 1 “General description”, 3rd paragraph; Table 1
“Ordering information”; Section 5.1 “Pinning”; Section 5.2 “Pin description”; Section 12 “Package
outline”)
• Section 6.3.3.1 “Assumptions”, second paragraph:
– 1st sentence: changed “RCV FIFO” to “RX FIFO”
– 3rd sentence: changed “0F” to “0Fh”
– 6th sentence: changed “0D” to “0Dh”
• changed Xoff1, Xoff2, Xon1, Xon2 register names to XOFF1, XOFF2, XON1, XON2, respectively
(Xoff1, Xoff2, Xon1, Xon2 character and word names remain as-is)
• Table 10 “Register map - read/write properties”, Table note 4: changed “xBF” to “BFh”
• Table 11 “SC68C752B internal registers”: IER[7:4], FCR[5:4], IIR[5:4], MCR[5:4], LSR[7] bit
descriptions modified (removed “0/” and “0/X”)
• Table 24 “Register programming guide” modified: appended “h” to hex numbers
• Table 26 “Static characteristics”: changed “f(i)XTAL1: input clock frequency” to “fXTAL1: frequency on
pin XTAL1”
• Table 27 “Dynamic characteristics”:
– changed “fXTAL: clock speed” to “fXTAL1: frequency on pin XTAL1”
– changed “t1w, t2w” to “tw1, tw2”
– Table note 3: changed “t3w” to “tw3”
• Figure 17 “External clock timing” modified:
– “t1w, t2w, t3w” changed to “tw1, tw2, tw3”
– changed “fXTAL” to “fXTAL1” in the equation
SC68C752B_2
20050428
Product data sheet
-
9397 750 14963
SC68C752B_1
SC68C752B_1
20050329
Product data sheet
-
9397 750 13857
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com