Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STG3684 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3684
Description  LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3684 Datasheet HTML 1Page - STMicroelectronics STG3684 Datasheet HTML 2Page - STMicroelectronics STG3684 Datasheet HTML 3Page - STMicroelectronics STG3684 Datasheet HTML 4Page - STMicroelectronics STG3684 Datasheet HTML 5Page - STMicroelectronics STG3684 Datasheet HTML 6Page - STMicroelectronics STG3684 Datasheet HTML 7Page - STMicroelectronics STG3684 Datasheet HTML 8Page - STMicroelectronics STG3684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC =3.0V
tPD = 0.4ns (TYP.) at VCC =2.3V
s
ULTRA LOW POWER DISSIPATION:
ICC =0.2µA (MAX.) at TA = 85°C
s
LOW "ON" RESISTANCE VIN =0V:
RON =0.5Ω (MAX. TA = 25°C) at VCC =2.7
RON =0.8Ω (MAX. TA = 25°C) at VCC =2.3V
RON =3.0Ω (MAX. TA = 25°C) at VCC =1.8V
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.65V to 4.3V SINGLE SUPPLY
s
4.3V TOLERANT AND 1.8V COMPATIBLE
THRESHOLD ON DIGITAL CONTROL INPUT
at VCC = 2.3 to 3.0V
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
DESCRIPTION
The STG3684 is an high-speed CMOS DUAL
ANALOG S.P.D.T. (Single Pole Dual Throw)
SWITCH or DUAL 2:1 Multiplexer/Demultiplexer
Bus Switch fabricated in silicon gate C2MOS
technology. It is designed to operate from 1.65V to
4.3V, making this device ideal for portable
applications.
It offers very low ON-Resistance (<0.5
Ω)at
VCC=3.0V. The nIN inputs are provided to control
the switches. The switches nS1 are ON (they are
connected to common Ports Dn) when the nIN
input is held high and OFF (high impedance state
exists between the two ports) when nIN is held
low; the switches nS2 are ON (they are connected
to common Ports Dn) when the nIN input is held
low and OFF (high impedance state exists
between the two ports) when IN is held high.
Additional key features are fast switching speed,
Break Before Make Delay Time and Ultra Low
Power Consumption. All inputs and outputs are
equipped with protection circuits against static
discharge,
giving
them
ESD
immunity
and
transient excess voltage. It’s available in the
commercial
temperature
range
in
the
QFN
package.
STG3684
LOW VOLTAGE 0.5
Ω MAX DUAL SPDT SWITCH
WITH BREAK BEFORE MAKE FEATURE
PIN CONNECTION
ORDER CODES
PACKAGE
T & R
QFN
STG3684QTR
QFN
Rev. 2


Similar Part No. - STG3684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3684 STMICROELECTRONICS-STG3684 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
Low voltage 0.5 Ω max dual SPDT switch with break-before-make
15-Nov-2007
STG3684ADTR STMICROELECTRONICS-STG3684ADTR Datasheet
439Kb / 28P
Low voltage 0.5 Ω max dual SPDT switch with break-before-make
15-Nov-2007
STG3684AUTR STMICROELECTRONICS-STG3684AUTR Datasheet
439Kb / 28P
Low voltage 0.5 Ω max dual SPDT switch with break-before-make
15-Nov-2007
STG3684QTR STMICROELECTRONICS-STG3684QTR Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results

Similar Description - STG3684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
01-Aug-2006
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com