Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AHCT2G32 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHCT2G32
Description  Dual 2-input OR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G32 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT2G32 Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 12Page - NXP Semiconductors 74AHCT2G32 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 12532
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2004
9 of 16
Philips Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
12. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V.
[2]
Typical values are measured at VCC = 5.0 V.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[4]
The condition is VI = GND to VCC.
Table 10:
Dynamic characteristics type 74AHC2G32
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); tr = tf ≤ 3.0 ns; see Figure 6.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL =15pF
[1] -
4.4
7.9
ns
VCC = 4.5 V to 5.5 V; CL =15pF
[2] -
3.2
5.5
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
-
6.3
11.4
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.6
7.5
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz
[3] [4] -16
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL = 15 pF
1.0
-
9.5
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
6.5
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
1.0
-
13.0
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
8.5
ns
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL = 15 pF
1.0
-
10.0
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
7.0
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
1.0
-
14.5
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com