Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T48C893 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 37Page - ATMEL Corporation T48C893 Datasheet HTML 38Page - ATMEL Corporation T48C893 Datasheet HTML 39Page - ATMEL Corporation T48C893 Datasheet HTML 40Page - ATMEL Corporation T48C893 Datasheet HTML 41Page - ATMEL Corporation T48C893 Datasheet HTML 42Page - ATMEL Corporation T48C893 Datasheet HTML 43Page - ATMEL Corporation T48C893 Datasheet HTML 44Page - ATMEL Corporation T48C893 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
41 (82)
Timer 2 Compare and Compare Mode Registers
Timer 2 has two separate compare registers, T2CO1 for
the 4-bit stage and T2CO2 for the 8-bit stage of Timer 2.
The timer compares the contents of the compare register
current counter value and if it matches it generates an
output signal. Dependent on the timer mode, this signal
is used to generate a timer interrupt, to toggle the output
flip-flop as SSI clock or as a clock for the next counter
stage.
In the 12-bit timer mode, T2CO1 contains bits 0 to 3 and
T2CO2 bits 4 to 11 of the 12-bit compare value. In all
other
modes,
the
two
compare
registers
work
independently as a 4- and 8-bit compare register.
When asigned to the compare register a compare event
will be supressed.
Timer 2 Compare Mode Register (T2CM)
Address: ’7’hex – Subaddress: ’3’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2CM
T2OTM
T2CTM
T2RM
T2IM
Reset value: 0000b
T2OTM
Timer 2 Overflow Toggle Mask bit
T2OTM = 0, disable overflow toggle
T2OTM = 1, enable overflow toggle, a counter overflow (OVF2) toggles output flip-flop (TOG2).
If the T2OTM-bit is set, only a counter overflow can generate an interrupt except on
the Timer 2 output mode 7.
T2CTM
Timer 2 Compare Toggle Mask bit
T2CTM = 0, disable compare toggle
T2CTM = 1, enable compare toggle, a match of the counter with the compare register toggles out-
put flip-flop (TOG2). In Timer 2 output mode 7 and when the T2CTM-bit is set, only
a match of the counter with the compare register can generate an interrupt.
T2RM
Timer 2 Reset Mask bit
T2RM = 0,
disable counter reset
T2RM = 1,
enable counter reset, a match of the counter with the compare register resets the
counter
T2IM
Timer 2 Interrupt Mask bit
T2IM = 0,
disable Timer 2 interrupt
T2IM = 1,
enable Timer 2 interrupt
Timer 2 Output Mode
T2OTM
T2CTM
Timer 2 Interrupt Source
1, 2, 3, 4, 5 and 6
0
x
Compare match (CM2)
1, 2, 3, 4, 5 and 6
1
x
Overflow (OVF2)
7
x
1
Compare match (CM2)
Timer 2 COmpare Register 1 (T2CO1)
Address: ’7’hex – Subaddress: ’4’hex
T2CO1
Write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
In prescaler mode the clock is bypassed if the compare register T2CO1 contains 0.
Timer 2 COmpare Register 2 (T2CO2) Byte Write
Address: ’7’hex – Subaddress: ’5’hex
T2CO2
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com