Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1067294 Datasheet(PDF) 4 Page - SICK AG

Part # 1067294
Description  COLOR SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1067294 Datasheet(HTML) 4 Page - SICK AG

  1067294 Datasheet HTML 1Page - SICK AG 1067294 Datasheet HTML 2Page - SICK AG 1067294 Datasheet HTML 3Page - SICK AG 1067294 Datasheet HTML 4Page - SICK AG 1067294 Datasheet HTML 5Page - SICK AG 1067294 Datasheet HTML 6Page - SICK AG 1067294 Datasheet HTML 7Page - SICK AG 1067294 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CSM-WP117A2P | CSM
COLOR SENSORS
IO-Link V1.1
Communication Interface detail
COM2 (38,4 kBaud)
Cycle time
2.3 ms
Process data length
16 Bit
Process data structure A
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 2 = Quality of Run Alarm
Bit 3 ... 5 = Emission Color
Bit 6 … 15 = Measurment Value RGB
Process data structure B
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 3 = switching signal QL4
Bit 4 = switching signal QL5
Bit 5 = switching signal QL6
Bit 6 = switching signal QL7
Bit 7 = switching signal QL8
Bit 9 ... 15 = empty
Dimensional drawing (Dimensions in mm (inch))
21
(0.83)
0.5
(0.02)
3
(0.12)
18.3
(0.72)
9.9
(0.39)
12
(0.47)
1
2
3
3
4
①  Optical axis, receiver
②  Optical axis, sender
③  M3 mounting hole
④  Cable with male connector
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-24 16:32:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com