Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBR1U40LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR1U40LP
Description  1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U40LP Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR1U40LP Datasheet HTML 1Page - Diodes Incorporated SBR1U40LP Datasheet HTML 2Page - Diodes Incorporated SBR1U40LP Datasheet HTML 3Page - Diodes Incorporated SBR1U40LP Datasheet HTML 4Page - Diodes Incorporated SBR1U40LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR1U400P1
Document number: DS31877 Rev. 5 - 2
1 of 5
www.diodes.com
March 2018
© Diodes Incorporated
SBR1U400P1
1.0A SBR
SURFACE MOUNT SUPER BARRIER RECTIFIER
PowerDI123
Features
Ultra Low Forward Voltage Drop
Low Leakage Current
Superior Reverse Avalanche Capability
Excellent High Temperature Stability
Patented Interlocking Clip Design for High Surge Current
Capacity
Patented Super Barrier Rectifier Technology (SBR
®
)
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI
®
123
Case Material:
Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Polarity Indicator: Cathode Band
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.018 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBR1U400P1-7
PowerDI123
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
Code
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SDE = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: F = 2018)
M = Month (ex: 9 = September)
SE
D
Green
PowerDI123
SBR and PowerDI are registered trademarks of Diodes Incorporated.


Similar Part No. - SBR1U40LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR1U40LP DIODES-SBR1U40LP Datasheet
108Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
SBR1U40LP-7 DIODES-SBR1U40LP-7 Datasheet
110Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR1U40LP-7 DIODES-SBR1U40LP-7 Datasheet
108Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
SBR1U40LP DIODES-SBR1U40LP_1 Datasheet
108Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
More results

Similar Description - SBR1U40LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U200P1 DIODES-SBR1U200P1 Datasheet
76Kb / 4P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI 123
DS32093 Rev. 2 - 2
SBR1U400P1 DIODES-SBR1U400P1 Datasheet
73Kb / 4P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI 123
DS32093 Rev. 2 - 2
SBR1A40SA-13 DIODES-SBR1A40SA-13 Datasheet
99Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER SMA
Rev 4
SBR130SV-7 DIODES-SBR130SV-7 Datasheet
196Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER
Rev 6
SBR1A400P1 DIODES-SBR1A400P1 Datasheet
378Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR1U30SV DIODES-SBR1U30SV Datasheet
128Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER
Rev 6
SBR1U150SA DIODES-SBR1U150SA_16 Datasheet
334Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev 8
SBR1U200P1 DIODES-SBR1U200P1_16 Datasheet
382Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR1U400P1 DIODES-SBR1U400P1_18 Datasheet
372Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR140LP DIODES-SBR140LP Datasheet
264Kb / 4P
1.0A SBR® SUPER BARRIER RECTIFIER
April 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com