Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS3431 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3431
Description  Standard Programmable Watchdog Timer with Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3431 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS3431 Datasheet HTML 8Page - Texas Instruments TPS3431 Datasheet HTML 9Page - Texas Instruments TPS3431 Datasheet HTML 10Page - Texas Instruments TPS3431 Datasheet HTML 11Page - Texas Instruments TPS3431 Datasheet HTML 12Page - Texas Instruments TPS3431 Datasheet HTML 13Page - Texas Instruments TPS3431 Datasheet HTML 14Page - Texas Instruments TPS3431 Datasheet HTML 15Page - Texas Instruments TPS3431 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
TPS3431
SNVSB66 – JULY 2018
www.ti.com
Product Folder Links: TPS3431
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4.1 VDD is Below VPOR ( VDD < VPOR)
When VDD is less than VPOR, WDO is undefined and can be either high or low. The state of WDO largely
depends on the load that the WDO pin is experiencing.
7.4.2 Above Power-On-Reset, But Less Than VDD(min) (VPOR ≤ VDD < VDD(min))
When the voltage on VDD is less than VDD(min), and greater than or equal to VPOR, the WDO signal is asserted
(logic low). When EN is logic low, the watchdog output WDO is in a high-impedance state and logic low
regardless of the WDI signal that is input to the device.
7.4.3 Normal Operation (VDD ≥ VDD(min))
When VDD is greater than or equal to VDD(min) and EN is logic high, the WDO signal is determined by WDI. When
WDI is within the watchdog timeout, the internal MOSFET turns off and WDO is pulled high through external pull-
up resistor. When WDI is not within the watchdog timeout, the internal MOSFET turns on and WDO is pulled to
logic low. When EN is logic low, ENOUT goes to logic low and WDO goes to a high-impedance state and pulls to
logic high due to the external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com