Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS10082CDA Datasheet(PDF) 3 Page - Texas Instruments

Part # THS10082CDA
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082CDA Datasheet(HTML) 3 Page - Texas Instruments

  THS10082CDA Datasheet HTML 1Page - Texas Instruments THS10082CDA Datasheet HTML 2Page - Texas Instruments THS10082CDA Datasheet HTML 3Page - Texas Instruments THS10082CDA Datasheet HTML 4Page - Texas Instruments THS10082CDA Datasheet HTML 5Page - Texas Instruments THS10082CDA Datasheet HTML 6Page - Texas Instruments THS10082CDA Datasheet HTML 7Page - Texas Instruments THS10082CDA Datasheet HTML 8Page - Texas Instruments THS10082CDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, DVDD = 3.3 V, AVDD = 5 V, VREF = internal (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital inputs
IIH
High-level input current
DVDD = digital inputs
–50
50
µA
IIL
Low-level input current
Digital input = 0 V
–50
50
µA
Ci
Input capacitance
5
pF
Digital outputs
VOH
High-level output voltage
IOH = –50 µA,
BVDD = 3.3 V, 5 V
BVDD–0.5
V
VOL
Low-level output voltage
IOL = –50 µA,
BVDD = 3.3 V, 5 V
0.4
V
IOZ
High-impedance-state output current
CS1 = DGND,
CS0 = DVDD
–10
10
µA
CO
Output capacitance
5
pF
CL
Load capacitance at databus D0 –D9
30
pF
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, AVDD = 5 V, DVDD = BVDD = 3.3 V, fs = 8 MSPS, VREF = internal (unless otherwise noted)
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
Accuracy
Integral nonlinearity, INL
±1
LSB
Differential nonlinearity, DNL
±1
LSB
Offset error
After calibration in single-ended mode
±5
LSB
Offset error
After calibration in differential mode
–10
10
LSB
Gain error
–10
10
LSB
Analog input
Input capacitance
15
pF
Input leakage current
VAIN = VREFM to VREFP
±10
µA
Internal voltage reference
VREFP
Accuracy
3.3
3.5
3.7
V
VREFM
Accuracy
1.4
1.5
1.6
V
Temperature coefficient
50
PPM/
°C
Reference noise
100
µV
Accuracy, REFOUT
2.475
2.5
2.525
V
Power supply
IDDA
Analog supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
36
40
mA
IDDD
Digital supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
0.5
1
mA
IDDB
Buffer supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
1.5
4
mA
IDD_AP
Analog supply current in power-down mode
AVDD = 5 V, BVDD = DVDD = 3.3 V
8
mA
PD
Power dissipation
AVDD = 5 V, DVDD = BVDD = 3.3 V
186
216
mW
Power dissipation in powerdown
AVDD = 5 V, DVDD = BVDD = 3.3 V
30
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34