Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA11186 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11186
Description  Beam for area lighting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11186 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11186 Datasheet HTML 1Page - Ledil, Inc. CA11186 Datasheet HTML 2Page - Ledil, Inc. CA11186 Datasheet HTML 3Page - Ledil, Inc. CA11186 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11186_STRADA-DN
STRADA-DN
Beam for area lighting with shorter illumination
distance optimized for CREE XR-E. Assembly
with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
7.6 mm
Fastening
tape, screw
Colour
clear
Box size
451 x 254 x 197 mm
Box weight
7.4 kg
Quantity in Box
4080 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-DN
Lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11186

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
logo
Cree, Inc
CA11181 CREE-CA11181 Datasheet
566Kb / 9P
BROOKE-tape series
logo
Ledil, Inc.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
CA11181-BROOKE-S LEDIL-CA11181-BROOKE-S Datasheet
566Kb / 9P
BROOKE-tape series
CA11182 LEDIL-CA11182 Datasheet
1Mb / 4P
~30째 medium beam
More results

Similar Description - CA11186

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
C13476 LEDIL-C13476 Datasheet
1Mb / 4P
Forward throw beam for area lighting
CA11817 LEDIL-CA11817 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances.
C14731 LEDIL-C14731 Datasheet
3Mb / 3P
Narrow forward throw beam for area lighting.
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
C13757 LEDIL-C13757 Datasheet
1Mb / 6P
Forward throw beam for area lighting
C13896 LEDIL-C13896 Datasheet
1Mb / 9P
Forward throw beam for area lighting
CA13758 LEDIL-CA13758 Datasheet
1Mb / 7P
Forward throw beam for area lighting
CA13897 LEDIL-CA13897 Datasheet
2Mb / 10P
Forward throw beam for area lighting
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com