Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA11978 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11978
Description  ~65째 wide beam optimized for Nichia 19.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11978 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11978 Datasheet HTML 1Page - Ledil, Inc. CA11978 Datasheet HTML 2Page - Ledil, Inc. CA11978 Datasheet HTML 3Page - Ledil, Inc. CA11978 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11978_LAURA-WW
LAURA-WW
~65°
wide
beam
optimized
for
Nichia
19.
Assembly with black holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-WW
Lens
PMMA
LAURA-HLD-N19-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 14/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11978

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CA11975 LEDIL-CA11975 Datasheet
1Mb / 5P
~15째 diffused spot beam optimized for Nichia 19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
More results

Similar Description - CA11978

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11022 LEDIL-CA11022 Datasheet
3Mb / 4P
~45째 wide beam optimized for Nichia NCSxx19.
CA11175 LEDIL-CA11175_18 Datasheet
3Mb / 6P
~45째 wide beam optimized for Nichia NS6x83.
CA11176 LEDIL-CA11176_18 Datasheet
3Mb / 6P
~60째 wide beam optimized for Nichia NS6x83.
CA11427 LEDIL-CA11427 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for Nichia 19
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
CA12570 LEDIL-CA12570 Datasheet
2Mb / 4P
~40째 wide beam optimized for Nichia 19
CA11766 LEDIL-CA11766 Datasheet
2Mb / 5P
~65째 wide beam optimized for CREE XP-E
CA12325 LEDIL-CA12325 Datasheet
1Mb / 6P
~65째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com