Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P1L Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P1L
Description  Easy alignment with high precision positioning holes based on MT guide pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P1L Datasheet(HTML) 1 Page - Omron Electronics LLC

  P1L Datasheet HTML 1Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multimode Microlens Array
1-847-882-2288
www.components.omron.com
12ch Flat/P1L12A
12ch Right Angle/P1L12C
P1L
Structures
Dimensions (mm)
Specifications
Type
Flat (Collimator Type)
Right Angle
Number of Lens
1 x 12
2 x 12
Insertion Loss
2.0dB (Typ. 1.2dB) *1
2.5dB (Typ. 1.5dB) *3
Cross Talk
50dB
50dB
Lens Position Tolerance
0.005mm *4
0.005mm *4
Dimensions
W2.5 x L6.4 x H0.55mm
W2.6 x L6.4 x H2.6mm
Flat (Focuser Type)
1 x 12
2.0dB (Typ. 1.5dB) *2
50dB
0.005mm *4
W2.5 x L6.4 x H0.55mm
Features
•
• Low cost achieved by high precision injection molding
• Anti-reflective (AR) coating available
• Insertion loss (IL) can be reduced through customization
• Custom lens and various channel configurations available (i.e. 1 x 4, 2 x 12, etc.)
*1 Light Source: 850nm (Steady State Mode by LED)/Air Gap: 1.5mm (Lens to Lens)
Attached to the MT guide pin without any other alignment and matching glue
*2
Light Source: 850nm (Steady State Mode by LED)/Air Gap: 0.4mm (Fibre to Lens)
Attached to the MT guide pin without any other alignment and matching glue
Light Source: 850nm_VCSEL(*12um, Divergence < 30°)/Air Gap: 0.3mm
(VCSEL to Lens), 0.3mm (Lens to Fiber) active alignment for VCSEL side,
non active alignment for fiber side without matching glue between fiber and lens
*3
*4 Lens position tolerance is defined as an error to the true
position referred to the center point of alignment holes
Applications
• Transceiver (For Parallel Optical Link)
• Optical Interconnection
• Board-to-board
• Chip-to-chip Interconnection
• Free-space Optical Connectivity
Easy alignment with high precision positioning
holes based on MT guide pins
Flat and Right Angle Type Micro Lens Arrays
Provide Low Cost Optical Connections in
Free Space Applications


Similar Part No. - P1L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P1L MEANWELL-P1L Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
Omron Electronics LLC
P1L12A-C1 OMRON-P1L12A-C1 Datasheet
4Mb / 5P
Multimode Micro Lens Array
P1L12A-C2 OMRON-P1L12A-C2 Datasheet
4Mb / 5P
Multimode Micro Lens Array
P1L12A-F1 OMRON-P1L12A-F1 Datasheet
4Mb / 5P
Multimode Micro Lens Array
P1L12A-F2 OMRON-P1L12A-F2 Datasheet
4Mb / 5P
Multimode Micro Lens Array
More results

Similar Description - P1L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LICAL-TRC-MT ETC2-LICAL-TRC-MT Datasheet
420Kb / 15P
MT SERIES TRANSCODER DATA GUIDE
logo
OptoSupply Internationa...
OST089S01GD-R5RUT8C1A OPTOSUPPLY-OST089S01GD-R5RUT8C1A Datasheet
1Mb / 2P
T08 Concave AUTO LED Based on BA9S Long life, easy installation
OST089S01GD-R5RUT8E1A OPTOSUPPLY-OST089S01GD-R5RUT8E1A Datasheet
1Mb / 2P
T08 Flat AUTO LED Based on BA9S Long life, easy installation
OST089S01GD-R5RUT831A OPTOSUPPLY-OST089S01GD-R5RUT831A Datasheet
1Mb / 2P
T08 Round AUTO LED Based on BA9S Long life, easy installation
ST109S01GD-R5RUTA31B OPTOSUPPLY-ST109S01GD-R5RUTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S Long life, easy installation
logo
Honeywell Solid State E...
111SM1-T HONEYWELL-111SM1-T Datasheet
54Kb / 1P
MOUNTING HOLES WILL ACCEPT PINS OR SCREWS OF 087 MAX, DIA ON 375CENTERS
logo
List of Unclassifed Man...
R53C ETC2-R53C Datasheet
150Kb / 1P
Socket pins for .055 Diameter Holes
logo
Winchester Electronics ...
RM27W2S-1002 WINCHESTER-RM27W2S-1002 Datasheet
126Kb / 1P
27W2S D-SUB CONNECTROT WITH GUIDE PINS
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9240 AVAGO-AEDS-9240 Datasheet
483Kb / 9P
Easy assembly with alignment jig
logo
Renesas Technology Corp
R9A02G020 RENESAS-R9A02G020 Datasheet
1Mb / 64P
ASSP EASY for motor control based on RISC-V
Rev.1.10 Apr 15, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com