Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M7F-4N1G Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # M7F-4N1G
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-4N1G Datasheet(HTML) 4 Page - Omron Electronics LLC

  M7F-4N1G Datasheet HTML 1Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 2Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 3Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 4Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 5Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 6Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 7Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 8Page - Omron Electronics LLC M7F-4N1G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
M7F
4
Specifications
■ Applicable EN Standards
■ Ratings
Note: Use an NPN open collector for the output of the connection
device. The data signal, however, is positive logic and the
strobe signal is negative logic.
■ Characteristics
Note: Impulse conditions:
Rise time:
1 ns +10% max.
Pulse width: 100 ns, 1
µs
Frequency: 100 Hz
Polarity:
Positive or negative
Cable:
OMRON's G79-100C
Standards
EN61326
EN60529
UL61010-1
Rated power supply
12 to 24 VDC
Allowable voltage fluctuation range 90% to 110% of rated voltage
Current consumption
200 mA max. (at 12 VDC)
100 mA max. (at 24 VDC)
Input level
Static
input
Positive
High: 9.6 V to power supply voltage
Low: 0 to 3 V
Negative
High: 4 V to power supply voltage
Low: 0 to 1.5 V
Dynamic
input
Positive
(See note.)
High: 4 V to power supply voltage
Low: 0 to 1.5 V
Ambient temperature
Operating:
−10 to 55°C (with no icing
or condensation)
Storage:
−25 to 65°C (with no icing or
condensation)
Ambient humidity
Operating: 35% to 85% (with no icing
or condensation)
Insulation
resistance
100 M
Ω min. (at 500 VDC) between each terminal and
mounting panel
Dielectric
strength
1,000 VAC, 50/60 Hz for 1 min between each terminal
and mounting panel
Noise
immunity
(See note.)
Power terminal:
±500 V (normal mode)
±1,500 V (common mode)
I/O cable:
±800 V (when the specified cable is
used)
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
10 sweeps of 5 min each in X, Y, and Z directions
Shock
resistance
Malfunction: 300 m/s2
3 times each in 6 directions on X, Y, and Z axes
Degree of
protection
IEC IP40 (front panel only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com